Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M29F400T Arkusz danych(PDF) 32 Page - STMicroelectronics

Numer części M29F400T
Szczegółowy opis  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400T Arkusz danych(HTML) 32 Page - STMicroelectronics

Back Button M29F400T Datasheet HTML 26Page - STMicroelectronics M29F400T Datasheet HTML 27Page - STMicroelectronics M29F400T Datasheet HTML 28Page - STMicroelectronics M29F400T Datasheet HTML 29Page - STMicroelectronics M29F400T Datasheet HTML 30Page - STMicroelectronics M29F400T Datasheet HTML 31Page - STMicroelectronics M29F400T Datasheet HTML 32Page - STMicroelectronics M29F400T Datasheet HTML 33Page - STMicroelectronics M29F400T Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
TSOP-b
D1
E
1N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.05
0.037
0.041
B
0.17
0.27
0.007
0.011
C
0.10
0.21
0.004
0.008
D
19.80
20.20
0.780
0.795
D1
18.30
18.50
0.720
0.728
E
11.90
12.10
0.469
0.476
e
0.50
0.020
L
0.50
0.70
0.020
0.028
α
0
°
5
°
0
°
5
°
N48
48
CP
0.10
0.004
Drawing is not to scale.
TSOP48 Reverse Pinout - 48 lead Plastic Thin Small Outline, 12 x 20mm
32/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34