Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CRCW1210MFNEE Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części CRCW1210MFNEE
Szczegółowy opis  Standard Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW1210MFNEE Arkusz danych(HTML) 2 Page - Vishay Siliconix

  CRCW1210MFNEE Datasheet HTML 1Page - Vishay Siliconix CRCW1210MFNEE Datasheet HTML 2Page - Vishay Siliconix CRCW1210MFNEE Datasheet HTML 3Page - Vishay Siliconix CRCW1210MFNEE Datasheet HTML 4Page - Vishay Siliconix CRCW1210MFNEE Datasheet HTML 5Page - Vishay Siliconix CRCW1210MFNEE Datasheet HTML 6Page - Vishay Siliconix CRCW1210MFNEE Datasheet HTML 7Page - Vishay Siliconix CRCW1210MFNEE Datasheet HTML 8Page - Vishay Siliconix CRCW1210MFNEE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
D/CRCW e3
www.vishay.com
Vishay
Revision: 14-Apr-2026
2
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Applies to components with stability class 1
Note
• The temperature coefficient of resistance (TCR) is not specified for 0
Ω jumpers
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION AND OPERATING VOLTAGE
OPERATION MODE
STANDARD
EXTENDED
Rated dissipation,
P70
D10/CRCW0402 e3
0.063 W
0.10 W
D11/CRCW0603 e3
0.10 W
0.125 W
D12/CRCW0805 e3
0.125 W
0.25 W
Operating voltage,
Umax. ACRMS/DC
D10/CRCW0402 e3
50 V
75 V
D11/CRCW0603 e3
75 V
75 V
D12/CRCW0805 e3
150 V
150 V
Resistance change
1
Ω to 10 MΩ
Max. resistance change at
P70/Umax. ACRMS/DC
for resistance change, I
ΔR/RI after (1):
1000 h
≤ 1 %
≤ 2 %
8000 h
≤ 2 %
-
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
D10/CRCW0402 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 200 ppm/K
± 1 %
1
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 1.5 A
≤ 20 mΩ
0
Ω
-
D11/CRCW0603 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 200 ppm/K
± 1 %
1
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 2.0 A
≤ 20 mΩ
0
Ω
-
D12/CRCW0805 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 200 ppm/K
± 1 %
1
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 2.5 A
≤ 20 mΩ
0
Ω
-
D25/CRCW1206 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 200 ppm/K
± 1 %
1
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 3.5 A
≤ 20 mΩ
0
Ω
-
CRCW1210 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 200 ppm/K
± 1 %
1
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 5.0 A
≤ 20 mΩ
0
Ω
-
CRCW1218 e3
± 200 ppm/K
± 5 %
1
Ω to 2.2 MΩ
E24
± 200 ppm/K
± 1 %
1
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
1
Ω to 2.2 MΩ
E24; E96
Jumper,
Imax. = 7.0 A
≤ 20 mΩ
0
Ω
-
CRCW2010 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 200 ppm/K
± 1 %
1
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 6.0 A
≤ 20 mΩ
0
Ω
-
CRCW2512 e3
± 200 ppm/K
± 5 %
1
Ω to 10 MΩ
E24
± 200 ppm/K
± 1 %
1
Ω to 9.76 Ω
E24; E96
± 100 ppm/K
± 1 %
1
Ω to 10 MΩ
E24; E96
Jumper,
Imax. = 7.0 A
≤ 20 mΩ
0
Ω
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com