| Zakładka z wyszukiwarką danych komponentów |
|
M28W640ECT10ZB6 Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640ECT10ZB6 Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 55 page ![]() M28W640ECT, M28W640ECB 28/55 Table 18. Write AC Characteristics, Chip Enable Controlled Note: 1. Sampled only, not 100% tested. 2. Applicable if VPP is seen as a logic input (VPP < 3.6V). 3. To be characterized. Symbol Alt Parameter M28W640EC Unit 70 85 90 10 tAVAV tWC Write Cycle Time Min 70(3) 85 90 100 ns tAVEH tAS Address Valid to Chip Enable High Min 45 45 50 50 ns tDVEH tDS Data Valid to Chip Enable High Min 45 45 50 50 ns tEHAX tAH Chip Enable High to Address Transition Min 0000 ns tEHDX tDH Chip Enable High to Data Transition Min 0000 ns tEHEL tCPH Chip Enable High to Chip Enable Low Min 25 25 30 30 ns tEHGL Chip Enable High to Output Enable Low Min 25 25 30 30 ns tEHWH tWH Chip Enable High to Write Enable High Min 0000 ns tELEH tCP Chip Enable Low to Chip Enable High Min 45 45 50 50 ns tELQV Chip Enable Low to Output Valid Min 70(3) 85 90 100 ns tQVVPL (1,2) Output Valid to VPP Low Min 0000 ns tQVWPL Data Valid to Write Protect Low Min 0000 ns tVPHEH (1) tVPS VPP High to Chip Enable High Min 200 200 200 200 ns tWLEL tCS Write Enable Low to Chip Enable Low Min 0000 ns tWPHEH Write Protect High to Chip Enable High Min 45 45 50 50 ns |