| Zakładka z wyszukiwarką danych komponentów |
|
RCL Arkusz danych(PDF) 8 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
RCL Arkusz danych(HTML) 8 Page - Vishay Siliconix |
|
8 / 9 page ![]() RCL e3 www.vishay.com Vishay Draloric Revision: 20-Oct-2025 8 Document Number: 20046 For technical questions, contact: thickfilmchip@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DIMENSIONS SOLDER PAD DIMENSIONS Notes • The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g in standards IEC 61188-5-x (1) or in publication IPC-7351. Still, the given solder pad dimensions will be found adequate for most general applications (1) The quoted IEC standards are also released as EN standards with the same number and identical contents DIMENSIONS AND MASS TYPE / SIZE L (mm) W (mm) H (mm) T1 (mm) T2 (mm) MASS (mg) RCL0406 e3 1.0 ± 0.10 1.6 ± 0.10 0.35 ± 0.10 0.2 +0.10 / -0.15 0.2 ± 0.10 2 RCL0612 e3 1.6 ± 0.20 3.2 ± 0.20 0.55 ± 0.10 0.35 ± 0.15 0.25 ± 0.15 11 RCL1020 e3 2.5 ± 0.20 5.0 ± 0.20 0.55 ± 0.10 0.38 ± 0.15 0.25 ± 0.15 25.5 RCL1218 e3 3.2 +0.10 / -0.20 4.6 ± 0.15 0.55 ± 0.05 0.45 ± 0.20 0.4 ± 0.20 29.5 RCL1225 e3 3.2 ± 0.20 6.3 ± 0.20 0.70 ± 0.10 0.8 ± 0.20 0.4 ± 0.20 55 RECOMMENDED SOLDER PAD DIMENSIONS TYPE / SIZE WAVE SOLDERING REFLOW SOLDERING G (mm) Y (mm) X (mm) Z (mm) G (mm) Y (mm) X (mm) Z (mm) RCL0406 e3 0.30 0.80 1.95 1.90 0.35 0.60 1.75 1.55 RCL0612 e3 0.50 1.20 3.70 2.90 0.60 1.00 3.50 2.60 RCL1020 e3 1.30 1.25 5.50 3.80 1.30 1.10 5.25 3.50 RCL1218 e3 1.80 1.30 5.10 4.40 1.90 1.10 4.90 4.10 RCL1225 e3 1.10 1.80 6.80 4.70 1.20 1.60 6.60 4.40 W H L T1 T2 G X Y Z |