| Zakładka z wyszukiwarką danych komponentów |
|
M29F512 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29F512 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 16 page ![]() M29F512B 2/16 Figure 2A. TSOPConnections A1 A0 DQ0 A7 A4 A3 A2 A6 A5 A13 A10 A8 A9 DQ7 A14 A11 G E DQ5 DQ1 DQ2 DQ3 DQ4 DQ6 NC W NC A12 NC VCC A15 AI02741 M29F512B 8 1 9 16 17 24 25 32 VSS Table 1. Signal Names A0-A15 Address Inputs DQ0-DQ7 Data Inputs/Outputs E Chip Enable G Output Enable W Write Enable VCC Supply Voltage VSS Ground NC Not Connected Internally quired to update the memory contents. The end of a program or erase operation can be detected and any error conditions identified. The command set required to control the memory is consistent with JEDEC standards. Chip Enable, Output Enable and Write Enable sig- nals control the bus operation of the memory. They allow simple connection to most micropro- cessors, often without additional logic. The memory is offered in TSOP32 (8 x 14mm) and PLCC32 packages. Access times of 45ns and 70ns are available. The memory is supplied with all the bits erased (set to ’1’). SIGNAL DESCRIPTIONS See Figure 1, Logic Diagram, and Table 1, Signal Names, for a brief overview of the signals connect- ed to this device. Address Inputs (A0-A15). The Address Inputs select the cells in the memory array to access dur- ing Bus Read operations. During Bus Write opera- tions they control the commands sent to the Command Interface of the internal state machine. Data Inputs/Outputs (DQ0-DQ7). The Data In- puts/Outputs output the data stored at the selected address during a Bus Read operation. During Bus Write operations they represent the commands sent to the Command Interface of the internal state machine. Figure 2B. PLCC Connections AI02930 A13 A10 17 A1 A0 DQ0 A7 A4 A3 A2 A6 A5 9 A8 1 A9 DQ7 A14 32 M29F512B A11 G E 25 SUMMARY DESCRIPTION The M29F512B is a 512 Kbit (64Kb x8) non-vola- tile memory that can be read, erased and repro- grammed. These operations can be performed using a single 5V supply. On power-up the memo- ry defaults to its Read mode where it can be read in the same way as a ROM or EPROM. Program and Erase commands are written to the Command Interface of the memory. An on-chip Program/Erase Controller simplifies the process of programming or erasing the memory by taking care of all of the special operations that are re- |