| Zakładka z wyszukiwarką danych komponentów |
|
KB900BA1/4AL Arkusz danych(PDF) 1 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KB900BA1/4AL Arkusz danych(HTML) 1 Page - APEM |
|
1 / 6 page ![]() U U1 APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com FEATURES Anodized natural or black gloss finish. Anti-static plastic insert. (on many models) Positive retention #6-32 set screws. Fits 1/8" dia. & 1/4" dia. shafts. Functionally rugged. Special designs available. Notes: Dims. in inches & (millimeters). Shaft size is last 3 digits of Model No. 42003 SERIES Diamond knurl plastic insert and line indicator on side CONTROL KNOBS, MACHINED ALUMINUM MODEL (Color-natural) MODEL (Color-black) A B C D E F G 420031A1/8* 420031B1/8* .500 (12.7) .402 (10.2) .380 (9.7) .402 (10.2) .634 (16.1) .516 (13.1) .469 (11.9) 420031A1/4* 420031B1/4* .500 (12.7) .402 (10.2) .380 (9.7) .402 (10.2) .634 (16.1) .516 (13.1) .469 (11.9) 420033A1/4* 420033B1/4* .748 (19.0) .681 (17.3) .591 (15.0) .681 (17.3) .634 (16.1) .516 (13.1) .469 (11.9) 420035A1/4* 420035B1/4* .940 (23.9) .870 (22.1) .709 (18.0) .870 (22.1) .634 (16.1) .516 (13.1) .469 (11.9) 420037A1/4* 420037B1/4* 1.252 (31.8) 1.170 (29.6) .980 (24.9) 1.170 (29.6) .748 (19.0) .630 (16.0) .591 (15.0) MODEL (Color-natural) MODEL (Color-black) ABC D E F G 420011A1/8* 420011B1/8* .500 (12.7) .430 (10.9) .380 (9.7) .430 (10.9) .630 (16.0) .512 (13.0) .430 (10.9) 420011A1/4* 420011B1/4* .500 (12.7) .430 (10.9) .380 (9.7) .430 (10.9) .630 (16.0) .512 (13.0) .430 (10.9) 420013A1/4 420013B1/4 .748 (19.0) .638 (16.2) .591 (15.0) .661 (16.8) .630 (16.0) .512 (13.0) .429 (10.9) 420015A1/4 420015B1/4 .941 (23.9) .819 (20.8) .709 (18.0) .819 (20.8) .630 (16.0) .512 (13.0) .429 (10.9) 42001 SERIES Fluted with plastic insert and line indicator on side 41005 SERIES Smooth finish with knurled black plastic insert and black indicator line on top MATERIALS Knob: Machined aluminium (with plastic insert, where indicated). Threaded Insert: Brass. Setscrew: Heat treated high alloy steel with cup point and hex head, or slotted head. Note: 1 or 2 supplied, depending on model. MODEL (Color natural) A B C 410051A1/8 .630 (16.0) .512 (13.0) .590 (15.0) 410051A1/4 .630 (16.0) .512 (13.0) .590 (15.0) 410053A1/8 .874 (22.2) .472 (12.0) .531 (13.5) 410053A1/4 .874 (22.2) .646 (16.4) .690 (17.5) 410055A1/4 1.260 (32.0) .472 (12.0) .551 (14.0) Note: Knob color is natural only for this Series. * indicates solid aluminum knob * indicates solid aluminum knob Note: 420031A1/8 & 420031A1/4 have only one set screw. |
Podobny numer części - KB900BA1/4AL |
|
Podobny opis - KB900BA1/4AL |