| Zakładka z wyszukiwarką danych komponentów |
|
ST7FOXK1 Arkusz danych(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FOXK1 Arkusz danych(HTML) 63 Page - STMicroelectronics |
|
63 / 226 page ![]() ST7FOXF1, ST7FOXK1, ST7FOXK2 Power saving modes 63/226 Figure 24. Wait mode flowchart 1. Before servicing an interrupt, the CC register is pushed on the stack. The I bit of the CC register is set during the interrupt routine and cleared when the CC register is popped. 8.4 Active-halt and halt modes Active-Halt and Halt modes are the two lowest power consumption modes of the MCU. They are both entered by executing the ‘HALT’ instruction. The decision to enter either in Active- Halt or Halt mode is given by the LTCSR/ATCSR register status as shown in the following table: WFI INSTRUCTION RESET INTERRUPT Y N N Y CPU OSCILLATOR PERIPHERALS IBIT ON ON 0 OFF FETCH RESET VECTOR OR SERVICE INTERRUPT CPU OSCILLATOR PERIPHERALS IBIT ON OFF 0 ON CPU OSCILLATOR PERIPHERALS IBIT ON ON X 1) ON 256 CPU CLOCK CYCLE DELAY Table 20. Enabling/disabling active-halt and halt modes LTCSR TBIE bit ATCSR OVFIE bit ATCSRCK1 bit ATCSRCK0 bit Meaning 0x x0 Active-Halt mode disabled 00 x x 0111 1 xxx Active-Halt mode enabled x 101 |