| Zakładka z wyszukiwarką danych komponentów |
|
EZD-R16 Arkusz danych(PDF) 1 Page - Omega Engineering, Inc. |
|
|
|||||||||||||||||||||||||||||
EZD-R16 Arkusz danych(HTML) 1 Page - Omega Engineering, Inc. |
|
1 / 8 page ![]() A-18 EZ SEriES intElligEnt rElayS EZ Series EZ820-DC-RC shown smaller than actual size. EZ719-DC-RC shown smaller than actual size. EZ512-DC-RC shown smaller than actual size. Easy Operation with Maximum Benefits The Eaton EZ intelligent relays provide basic functions that users could only implement previously with individually installed and wired devices. The EZD multi-function displays offer powerful visualization functions. The EZ intelligent relays bring timers, relays, counters, special functions, inputs and outputs into one compact device that is easily configured. The EZ family of products provides exceptional levels of flexibility together with substantial savings in commissioning time and effort. The EZ intelligent relays are available in more than 20 different styles that support from 12 I/O up to 320 I/O points providing the ideal solution for lighting, energy management, industrial control, watering, pump control, HVAC and home automation. Once EZ products are installed, changes are easily accomplished through front panel programming, eliminating the need to change wiring and wiring diagrams increasing the savings realized. Other terms often used for intelligent relay are relay replacer, control relay and smart relay. Simplicity and User-Friendly Operation EZ and EZD products are known for their user-friendly operation and programming. Every rung or circuit connection is wired just like you remember: Contact – Contact – Contact – Coil – Done! The devices allow the “wiring” of 128 or 256 rungs or circuit connections. Series and parallel connections, which make up a major part of a control circuit, are easily created without previous programming knowledge. Ready-to-use function blocks are simply integrated in the wiring with coils, and contacts are provided for additional functions. EZD-80-B shown smaller than actual size. |
Podobny opis - EZD-R16 |