| Zakładka z wyszukiwarką danych komponentów |
|
M34S32BN Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34S32BN Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 18 page ![]() 14/18 M34S32 Sequence A: Start OTP Page Select(= 1010 0010) Ack Address MSB (= xxxx 0000) Ack Address LSB (= 000x xxxx) Ack Sequence B: Start OTP Page Select(= 1010 0011) Ack Data Ack ........ Data (no Ack) Stop If one, or more bits of the Sequence A differ from the above values, the bytes that follow it will be ac- knowledged (or not) according to the same rules as for the WRITE IN OTP, and the RANDOM AD- DRESS READ IN OTP will be ignored. Sequential Read. This mode can be initiated with either a Current Address Read or a Random Ad- dress Read. However, in this case the master DOES acknowledge the data byte output and the memory continues to output the next byte in se- quence. To terminate the stream of bytes, the master must NOT acknowledge the last byte out- put, but MUST generate a STOP condition. The output data is from consecutive byte ad- dresses, with the internal byte address counter au- tomatically incremented after each byte output. Af- ter a count of the last memory address, the address counter will “roll-over” and the memory will continue to output data. A Sequential Read in the OTP page is performed by sending the appropriate Device Select Byte, as described in Table 3. If a sequential read reaches the last location in the OTP page (address 1Fh), subsequent Sequential Reads will wrap round to the start, to address 00h. Acknowledge in Read Mode. In all read modes the memory waits for an acknowledge during the 9th bit time. If the master does not pull the SDA line low during this time, the memory terminates the data transfer and switches to a stand-by state. APPLICATION HINTS ON HOW TO USE THE CONTROL REGISTER TOGETHER WITH THE / WCR PIN The application board can be designed in such a way that WCR pin is connected to VSS (directly or through a pull-down resistor). It should be noted that the WCR pin features an internal pull-down re- sistor allowing this input to be left unconnected. With such a P.C.B. (Printed Circuit Board), the de- vice can be initialised according to following set-up sequence : 1. Write the data that is to be Write protected: – Write data in the area starting from address 00h up to the desired address. 2. Write in the Control Register (single byte write using the following bits): – Set B2, B1 and B0 values according to the ROM block size (as defined in Table 15) – Set WCpol according to the application needs. – Set CRWD bit to 1 Once the CRWD bit is set to 1, the control register becomes Write Protected. The only way to write again to the Control Register is to set the WCR pin high. This is possible by applying VCC to WCR if it was previously floating or connected to VSS through an external pull-down resistor. If WCR is shorted to VSS, the device needs to be de-sol- dered from the PCB. OTHER NOTES The WCR pin has an internal pull-down resistor. Connecting this pin to GND does not affect the power consumption, thus giving the M34S32 its lowest power consumption when it is in Protected mode. The OTP page may be programmed before or af- ter the hardware protected mode has been set (by setting the CRWD bit). This allows the application MCU to program the OTP page either on the as- sembly line or during the operating life of the appli- cation. The WC pin (but not the WCR pin) may be driven dynamically by the MCU to increase the immunity to data corruption of the unprotected EEPROM ar- ea. This pin may alternatively be pulled to VCC or GND (depending on which is appropriate, accord- ing to the setting of the WCpol bit). |