Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CRCW08051MFNEC Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części CRCW08051MFNEC
Szczegółowy opis  Standard Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW08051MFNEC Arkusz danych(HTML) 2 Page - Vishay Siliconix

  CRCW08051MFNEC Datasheet HTML 1Page - Vishay Siliconix CRCW08051MFNEC Datasheet HTML 2Page - Vishay Siliconix CRCW08051MFNEC Datasheet HTML 3Page - Vishay Siliconix CRCW08051MFNEC Datasheet HTML 4Page - Vishay Siliconix CRCW08051MFNEC Datasheet HTML 5Page - Vishay Siliconix CRCW08051MFNEC Datasheet HTML 6Page - Vishay Siliconix CRCW08051MFNEC Datasheet HTML 7Page - Vishay Siliconix CRCW08051MFNEC Datasheet HTML 8Page - Vishay Siliconix CRCW08051MFNEC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
D/CRCW e3
www.vishay.com
Vishay
Revision: 23-Apr-2021
2
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal
resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted
film temperature is not exceeded.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime.
Note
• The temperature coefficient of resistance (TCR) is not specified for 0
 jumpers
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
D10/CRCW0402 e3
± 200 ppm/K
± 5 %
1
 to 10 M
E24
± 100 ppm/K
± 1 %
1
 to 10 M
E24; E96
Jumper, Imax. = 1.5 A
 20 m
0
-
D11/CRCW0603 e3
± 200 ppm/K
± 5 %
1
 to 10 M
E24
± 100 ppm/K
± 1 %
1
 to 10 M
E24; E96
Jumper, Imax. = 2.0 A
 20 m
0
-
D12/CRCW0805 e3
± 200 ppm/K
± 5 %
1
 to 10 M
E24
± 100 ppm/K
± 1 %
1
 to 10 M
E24; E96
Jumper, Imax. = 2.5 A
 20 m
0
-
D25/CRCW1206 e3
± 200 ppm/K
± 5 %
1
 to 10 M
E24
± 100 ppm/K
± 1 %
1
 to 10 M
E24; E96
Jumper, Imax. = 3.5 A
 20 m
0
-
CRCW1210 e3
± 200 ppm/K
± 5 %
1
 to 10 M
E24
± 100 ppm/K
± 1 %
1
 to 10 M
E24; E96
Jumper, Imax. = 5.0 A
 20 m
0
-
CRCW1218 e3
± 200 ppm/K
± 5 %
1
 to 2.2 M
E24
± 100 ppm/K
± 1 %
1
 to 2.2 M
E24; E96
Jumper, Imax. = 7.0 A
 20 m
0
-
CRCW2010 e3
± 200 ppm/K
± 5 %
1
 to 10 M
E24
± 100 ppm/K
± 1 %
1
 to 10 M
E24; E96
Jumper, Imax. = 6.0 A
 20 m
0
-
CRCW2512 e3
± 200 ppm/K
± 5 %
1
 to 10 M
E24
± 100 ppm/K
± 1 %
1
 to 10 M
E24; E96
Jumper, Imax. = 7.0 A
 20 m
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com