| Zakładka z wyszukiwarką danych komponentów |
|
E010 Arkusz danych(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
E010 Arkusz danych(HTML) 6 Page - ITT Industries |
|
6 / 6 page ![]() A-45 Dimensions are shown: IN (mm) Dimensions subject to change www.ittcannon.com C&K E010 Series Sealed Momentary Pushbutton Switches AVAILABLE HARDWARE A .450 SQ. (11,43) .195 (4,95) .240 (6,10) .495 ± .505 (12,57 ± 12,83) .595 ± .605 (15,11 ± 15,37) .005 R. (0,13) MAX. TYP. .495 ± .505 (12,57 ± 12,83) .620 ± .625 (15,75 ± 15,88) .005 R. (0,13) MAX. TYP. PANEL MOUNTING For part numbers 4325xxxxx, 4326xxxxx For part numbers 4327xxxxx, 4328xxxxx TYPICAL APPLICATION Above frames (part nos. 432XXXXXX) are also available with insert which accepts LED for indi- cator light assembly. Order insert separately from frame. Blank insert panel (without hole for LED) also available. LED not included. Special colors, custom markings available, consult Customer Service Center. PANEL INSERT WITH HOLE FOR LED PART NO. 894901000 894902000 894903000 BLANK PANEL INSERT WITHOUT HOLE FOR LED PART NO. 476601000 WHITE 476602000 BLACK 476603000 RED .047" (1,19) PANEL THK. PART NO. 432501000 432502263 432503000 .062" (1,57) PANEL THK. PART NO. 432601000 432602263 432603000 .090" (2,29) PANEL THK. PART NO. 432701000 432702263 432703000 .125" (3,18) PANEL THK. PART NO. 432801000 WHITE 432802263 BLACK 432803000 RED Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte. Panel Inserts Cap, Snap-fitting plunger PART NO. 894001000 WHITE 894002000 BLACK 894003000 RED Material: Nylon Finish: Gloss Cap, Snap-fitting plunger PART NO. 894101000 WHITE 894102000 BLACK 894103000 RED Material: Nylon Finish: Gloss Cap PART NO. 484601000 WHITE 484602000 BLACK 484603000 RED Material: Nylon Finish: Gloss PART NO. 798201000 WHITE 798202263 BLACK 798203000 RED Material: Nylon Finish: Matte NOTE: Additional nuts, locking rings and lockwashers available separately, see section N. Other cap colors available, consult Customer Service Center. |