| Zakładka z wyszukiwarką danych komponentów |
|
M50FW080K5P Arkusz danych(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW080K5P Arkusz danych(HTML) 27 Page - STMicroelectronics |
|
27 / 56 page ![]() M50FW080 Command interface 27/55 Table 9. Commands(1) 1. X Don’t Care, PA Program Address, PD Program Data, A1,2,3,4 Consecutive Addresses, BA Any address in the Block. Command Bus Write operations 1st 2nd 3rd 4th 5th Addr Data Addr Data Addr Data Addr Data Addr Data Read Memory Array(2) 2. Read Memory Array. After a Read Memory Array command, read the memory as normal until another command is issued. 1X FFh Read Status Register(3) 3. Read Status Register. After a Read Status Register command, read the Status Register as normal until another command is issued. 1X 70h Read Electronic Signature(4) 4. Read Electronic Signature. After a Read Electronic Signature command, read Manufacturer Code, Device Code until another command is issued. 1X 90h 1X 98h Program(5) 5. Block Erase, Program. After these commands read the Status Register until the command completes and another command is issued. 2X 40h PA PD 2X 10h PA PD Quadruple Byte Program(6) 6. Quadruple Byte Program. This command is only valid in A/A Mux mode. Addresses A1, A2, A3 and A4 must be consecutive addresses differing only for address bit A0 and A10. After this command read the Status Register until the command completes and another command is issued. 5X 30h A1 PD A2 PD A3 PD A4 PD Chip Erase (7) 7. Chip Erase. This command is only valid in A/A Mux mode. After this command read the Status Register until the command completes and another command is issued. 2 X 80h X 10h Block Erase(5) 2 X 20h BA D0h Clear Status Register(8) 8. Clear Status Register. After the Clear Status Register command bits 1, 3, 4 and 5 in the Status Register are reset to ‘0’. 1X 50h Program/Erase Suspend(9) 9. Program/Erase Suspend. After the Program/Erase Suspend command has been accepted, issue Read Memory Array, Read Status Register, Program (during Erase suspend) and Program/Erase resume commands. 1X B0h Program/Erase Resume(10) 10. Program/Erase Resume. After the Program/Erase Resume command the suspended Program/Erase operation resumes, read the Status Register until the Program/Erase Controller completes and the memory returns to Read Mode. 1X D0h Invalid/Reserved(11) 11. Invalid/Reserved. Do not use Invalid or Reserved commands. 1X 00h 1X 01h 1X 60h 1X 2Fh 1X C0h |