| Zakładka z wyszukiwarką danych komponentów |
|
M50LPW002K Arkusz danych(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50LPW002K Arkusz danych(HTML) 26 Page - STMicroelectronics |
|
26 / 39 page ![]() M50LPW002 26/39 Table 23. Program and Erase Times Note: 1. TA = 25°C, VCC = 3.3V 2. This time is obtained executing the Quadruple Byte Program Command. 3. Sampled only, not 100% tested. Table 24. Reset AC Characteristics Note: 1. See Chapter 4 of the PCI Specification. Parameter Interface Test Condition Min Typ (1) Max Unit Byte Program 10 200 µs Quadruple Byte Program A/A Mux VPP = 12V ± 5% 10 200 µs Chip Erase A/A Mux VPP = 12V ± 5% 3 sec Block Program (64 KBytes) A/A Mux VPP = 12V ± 5% 0.1 (2) 5 sec VPP = VCC 0.4 5 sec Block Erase (64 KBytes) VPP = 12V ± 5% 0.75 8 sec VPP = VCC 110 sec Program/Erase Suspend to Program pause (3) 5 µs Program/Erase Suspend to Block Erase pause (3) 30 µs Symbol Parameter Test Condition Value Unit tPLPH RP or INIT Reset Pulse Width Min 100 ns tPLRH RP or INIT Low to Reset Program/Erase Inactive Max 100 ns Program/Erase Active Max 30 µs RP or INIT Slew Rate(1) Rising edge only Min 50 mV/ns tPHFL RP or INIT High to LFRAME Low LPC Interface only Min 30 µs tPHWL tPHGL RP High to Write Enable or Output Enable Low A/A Mux Interface only Min 50 µs |