Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LNBS21 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części LNBS21
Szczegółowy opis  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBS21 Arkusz danych(HTML) 4 Page - STMicroelectronics

  LNBS21 Datasheet HTML 1Page - STMicroelectronics LNBS21 Datasheet HTML 2Page - STMicroelectronics LNBS21 Datasheet HTML 3Page - STMicroelectronics LNBS21 Datasheet HTML 4Page - STMicroelectronics LNBS21 Datasheet HTML 5Page - STMicroelectronics LNBS21 Datasheet HTML 6Page - STMicroelectronics LNBS21 Datasheet HTML 7Page - STMicroelectronics LNBS21 Datasheet HTML 8Page - STMicroelectronics LNBS21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LNBS21
4/21
Table 4: Pin Description
SYMBOL
NAME
FUNCTION
PIN NUMBER
vs. PACKAGE
VCC
Supply Input
8V to 15V supply. A 220µF bypass capacitor to
GND with a 470nF (ceramic) in parallel is
recommended
18
GATE
External Switch Gate
External MOS switch Gate connection of the
step-up converter
17
SENSE
Current Sense Input
Current Sense comparator input. Connected to
current sensing resistor
16
Vup
Step-up Voltage
Input of the linear post-regulator. The voltage on this
pin is monitored by internal step-ut controller to
keep a minimum dropout across the linear pass
transistor
19
OUT
Output Port
Output of the linear post regulator modulator to the
LNB. See truth table for voltage selections.
2
SDA
Serial Data
Bidirectional data from/to I2C bus.
12
SCL
Serial Clock
Clock from I2C bus.
13
DSQIN
DiSEqC Input
When the TEN bit of the System Register is LOW,
this pin will accept the DiSEqC code from the main
µcontroller. The LNBS21 will use this code to
modulate the internally generated 22kHz carrier. Set
to GND the pin if not used.
14
DETIN
Detector In
22kHz Tone Detector Input. Must be AC coupled to
the DiSEqC bus.
9
DSQOUT DiSEqC Output
Open collector output of the tone Detector to the
main
µcontroller for DiSEqC data decoding. It is
LOW when tone is detected.
15
EXTM
External Modulator
External Modulation Input. Need DC decoupling to
the AC source. If not used, can be left open.
5
GND
Ground
Pins to be connected to ground.
1, 6, 10, 11, 20
BYP
Bypass Capacitor
Needed for internal preregulator filtering
8
LT1
Loop Through Switch
In standby mode the power switch between LT1 and
LT2 is closed. Max allowed current is 900mA. this
pin can be left open if loop through function is not
needed.
4
LT2
Loop Through Switch
Same as above
3
ADDR
Address Setting
Four I2C bus addresses available by setting the
Address Pin level voltage
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21