Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESAF92-03R Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części ESAF92-03R
Szczegółowy opis  Ultrafast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ESAF92-03R Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  ESAF92-03R Datasheet HTML 1Page - Inchange Semiconductor Company Limited ESAF92-03R Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Recovery Diode
ESAF92-03R
www.iscsemi.com
1
FEATURES
· Low Switching Losses, High Efficiency
· Ultrafast Recovery Time
APPLICATIONS
· Switching Power Supplies
· Freewheeling Diode
· DC-to-DC Converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
300
V
IF(AV)
Average Rectified Forward Current
30×2
A
IFSM
Non-repetitive Peak Surge Current
(Sine Wave, 10ms 1shot)
240
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.75
℃
/W


Podobny numer części - ESAF92-03R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BlockMaster Electronics...
ESA014000110 BLOCKMASTER-ELECTRONICS-ESA014000110 Datasheet
154Kb / 1P
ini European PCB Terminal Blocks
ESA014001120 BLOCKMASTER-ELECTRONICS-ESA014001120 Datasheet
154Kb / 1P
ini European PCB Terminal Blocks
ESA014002130 BLOCKMASTER-ELECTRONICS-ESA014002130 Datasheet
154Kb / 1P
ini European PCB Terminal Blocks
ESA014003140 BLOCKMASTER-ELECTRONICS-ESA014003140 Datasheet
154Kb / 1P
ini European PCB Terminal Blocks
ESA014004150 BLOCKMASTER-ELECTRONICS-ESA014004150 Datasheet
154Kb / 1P
ini European PCB Terminal Blocks
More results

Podobny opis - ESAF92-03R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com