| Zakładka z wyszukiwarką danych komponentów |
|
MPC17510EJ/R2 Arkusz danych(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC17510EJ/R2 Arkusz danych(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 14 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 3 17510 PIN CONNECTIONS PIN CONNECTIONS Figure 3. 17510 Pin Connections Table 1. 17510 Pin Definitions A functional description of each pin can be found in the Functional Pin Description section beginning on page 8. Pin Number Pin Name Formal Name Definition 1, 5 OUT1 Output 1 Driver output 1 pins. 2 LGND Logic Ground Logic ground. 3 CRES Charge Pump Output Capacitor Connection Charge pump reservoir capacitor pin. 4, 7, 20, 22 NC No Connect No connection to these pins. 17, 18 OUT2 Output 2 Driver output 2 pins. 6, 19 PGND Power Ground Power ground. 8, 21 VM Motor Drive Power Supply Motor power supply voltage input pins. 9 IN1 Input Control 1 Control signal input 1 pin. 10 IN2 Input Control 2 Control signal input 2 pin. 11 C1H Charge Pump 1H Charge pump bucket capacitor 1 (positive pole). 12 C1L Charge Pump 1L Charge pump bucket capacitor 1 (negative pole). 13 C2L Charge Pump 2L Charge pump bucket capacitor 2 (negative pole). 14 C2H Charge Pump 2H Charge pump bucket capacitor 2 (positive pole). 15 GOUT Gate Driver Output Output gate driver signal to external MOSFET switch. 16 EN Enable Control Enable control signal input pin. 23 VDD Logic Supply Control circuit power supply pin. 24 GIN Gate Driver Input LOW = True control signal for GOUT pin. GIN NC PGND OUT2 OUT2 EN GOUT C2H C2L V DD NC VM OUT1 OUT1 PGND NC VM IN1 IN2 C1L LGND CRES NC C1H 24 20 19 18 17 16 15 13 23 22 21 14 5 6 7 8 9 10 11 12 2 3 4 1 |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |