Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM261...ZFG Arkusz danych(PDF) 45 Page - Texas Instruments

Numer części AM261...ZFG
Szczegółowy opis  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Arkusz danych(HTML) 45 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 41Page - Texas Instruments AM261...ZFG Datasheet HTML 42Page - Texas Instruments AM261...ZFG Datasheet HTML 43Page - Texas Instruments AM261...ZFG Datasheet HTML 44Page - Texas Instruments AM261...ZFG Datasheet HTML 45Page - Texas Instruments AM261...ZFG Datasheet HTML 46Page - Texas Instruments AM261...ZFG Datasheet HTML 47Page - Texas Instruments AM261...ZFG Datasheet HTML 48Page - Texas Instruments AM261...ZFG Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
A5
A7
GPIO84
GPIO84_CFG_REG
0x5310 0150
0x0000 05F7
MMC0_CD
0
I
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART0_CTSn
1
I
I2C2_SDA
2
IO
GPIO84
7
IO
SDFM1_D3
8
I
L17
R19
K15
N17
GPIO85
GPIO85_CFG_REG
0x5310 0154
0x0000 05F7
PR0_MDIO0_MDIO
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
LIN0_RXD
1
IO
MCAN0_RX
2
I
GPIO85
7
IO
XBAROUT14
10
O
L18
R20
K16
P19
GPIO86
GPIO86_CFG_REG
0x5310 0158
0x0000 05F7
PR0_MDIO0_MDC
0
O
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
LIN0_TXD
1
IO
MCAN0_TX
2
O
GPIO86
7
IO
XBAROUT15
10
O
G17
K19
F14
G17
GPIO87
GPIO87_CFG_REG
0x5310 015C
0x0000 05F7
PR0_PRU0_GPIO5
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART3_RTSn
1
O
RMII2_RX_ER
2
I
MII2_RX_ER
4
I
GPIO87
7
IO
TRC_CTL
8
O
ADC_EXTCH_XBAROUT4
9
O
XBAROUT6
10
O
F17
J19
E15
GPIO88
GPIO88_CFG_REG
0x5310 0160
0x0000 05F7
PR0_PRU0_GPIO9
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU0_GPIO9
1
IO
PR0_IEP0_EDC_SYNC_OUT1
2
O
PR0_UART0_CTSn
3
I
MII2_COL
4
I
GPIO88
7
IO
G18
J20
E16
J18
GPIO89
GPIO89_CFG_REG
0x5310 0164
0x0000 05F7
PR0_PRU0_GPIO10
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART3_CTSn
1
I
RMII2_CRS_DV
2
I
PR0_UART0_RTSn
3
O
MII2_CRS
4
I
GPIO89
7
IO
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More