Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM261...ZCZQ1 Arkusz danych(PDF) 153 Page - Texas Instruments

Numer części AM261...ZCZQ1
Szczegółowy opis  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Arkusz danych(HTML) 153 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 149Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 150Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 151Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 152Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 153Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 154Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 155Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 156Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 218 page
background image
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ _
[3:0]
x]
D 5
S
D 7
S
D 8
S
D 9
S
DS6
Figure 6-46. MMC – Default Speed – Transmit Mode
6.11.5.12.4 MMC Timing Requirements - SD Card High Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
HS1
tsu(cmdV-clkH)
Setup time, MMC_CMD valid before MMC_CLK
rising edge
2.15
ns
HS2
th(clkH-cmdV)
Hold time, MMC_CMD valid after MMC_CLK
rising edge
2.67
ns
HS3
tsu(dV-clkH)
Setup time, MMC_DAT[3:0] valid before
MMC_CLK rising edge
2.15
ns
HS4
th(clkH-dV)
Hold time, MMC_DAT[3:0] valid after MMC_CLK
rising edge
2.67
ns
MMC[ ]_CLK
x
MMC[ ]_CMD
x
MMC
DAT
[ ]_
[3:0]
x
H 1
S
H 2
S
H 3
S
H 4
S
Figure 6-47. MMC – High Speed – Receive Mode
6.11.5.12.5 MMC Switching Characteristics - SD Card High Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC_CLK
50
MHz
HS5
tc(clk)
Operating period, MMC_CLK
20
ns
HS6
tw(clkH)
Pulse duration, MMC_CLK high
9.2
ns
HS7
tw(clkL)
Pulse duration, MMC_CLK low
9.2
ns
HS8
td(clkL-cmdV)
Delay time, MMC_CLK falling edge to
MMC_CMD transition
–7.35
3.35
ns
HS9
td(clkL-dV)
Delay time, MMC_CLK falling edge to
MMC_DAT[3:0] transition
–7.35
3.35
ns
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
153
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com