| Zakładka z wyszukiwarką danych komponentów |
|
AM261...ZCZQ1 Arkusz danych(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 Arkusz danych(HTML) 40 Page - Texas Instruments |
|
40 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] F3 F1 F4 E2 GPIO56 GPIO56_CFG_REG 0x5310 00E0 0x0000 05F7 EPWM6_B 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO6 1 IO UART2_RTSn 3 O GPMC0_A20 6 O GPIO56 7 IO EPWM6_B 10 O F4 G2 D2 D2 GPIO57 GPIO57_CFG_REG 0x5310 00E4 0x0000 05F7 EPWM7_A 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO4 1 IO OSPI0_CSn1 2 O OSPI1_CSn1 5 O GPMC0_AD4 6 IO GPIO57 7 IO EPWM7_A 10 O F1 G1 D1 D1 GPIO58 GPIO58_CFG_REG 0x5310 00E8 0x0000 05F7 EPWM7_B 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO3 1 IO OSPI1_D1 2 IO OSPI0_D1 5 IO GPMC0_AD3 6 IO GPIO58 7 IO EPWM5_B 10 O G3 H2 E2 E1 GPIO59 GPIO59_CFG_REG 0x5310 00EC 0x0000 05F7 EPWM8_A 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO16 1 IO OSPI1_D0 2 IO MCAN0_RX 3 I PR0_PRU1_GPIO7 4 IO OSPI0_D0 5 IO GPMC0_CSn1 6 O GPIO59 7 IO UART4_TXD 8 O EPWM8_A 10 O AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 40 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |