Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES2C Arkusz danych(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Numer części ES2C
Szczegółowy opis  SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DAESAN [DAESAN ELECTRONIC CORP.]
Strona internetowa  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES2C Arkusz danych(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  ES2C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES2C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
FIG.3-TYPICAL FORWARD CHARACTERISTICS
FIG.2-FORWARD SURGE CURRENT
DERATING CURVE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES ES2A THRU ES2J
2.4
2.0
1.6
1.2
0.8
0.4
0
100
1000
1
10
0.01
0.1
0
20
40
60
80
140
100
120
90
0
30
60
120
150
INSTANTANEOUS FORWARD VOLTAGE (V)
10
1
0.1
0.01
0
0.4
0.8
1.2
2.0
1.6
NUMBER OF CYCLES AT 60Hz
50
40
30
10
1
10
100
20
0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
Resistive or Inductive Load
Mounted on PCB with
5.0 x 5.0 x 0.013mm
Copper Pads
Single Half-Sine-Wave
JEDEC Method
ES2J
ES2E~ES2G
ES2A~ES2D
FIG.5-TYPICAL JUNCTION CAPACITANCE
DC REVERSE VOLTAGE (V)
50
40
30
20
10
0
0.1
1
100
10
TA=25℃
TA=125℃
f=1MHz



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com