1 / 11 page

DFBM-CF320
Data Sheet
Jan 12, 2007
Proprietary Information and Specifications are Subject to Change
DFBM-CF320
Bluetooth
Module Class 2
A Class 2 Bluetooth module compliant
with Bluetooth Specification V2.0+EDR
for various application.
FEATURES:
Suitable for Headset application with Build-in codec.
Suitable for Automotive Hands-Free Kits.
Suitable for General purpose Bluetooth systems requiring
an on-chip audio CODEC.
Small size and Low Profile using high-density
packaging technology which compliant with RoHS.
High sensitivity for better reception.
Already embedded battery charger, LED driver and switch mode
regulator.
Need few external parts for headset design.
Variable profiles with 6M Flash.
Various interfaces: UART, SPI and PCM.
Wide operating temperature range: -40~+80
℃.
TM