| Zakładka z wyszukiwarką danych komponentów |
|
M54HC242B1R Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC242B1R Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 11 page ![]() TEST CIRCUIT ICC (Opr.) CCP CALCULATION CPD is to be calculated with the following formula by using the measured value of ICC (Opr.) in the test circuit opposite CPD = ICC (Opr.) fIN xVCC In determining the typical value of CPD, a relatively high frequency of 1MHz was applied to fIN, in order to eliminate any error caused by the quiescent supply current. M54/M74HC242/243 6/11 |