| Zakładka z wyszukiwarką danych komponentów |
|
M54HC299F1R Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC299F1R Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 15 page ![]() DC SPECIFICATIONS Symbol Parameter Test Conditions Value Unit VCC (V) TA =25 oC 54HC and 74HC -40 to 85 oC 74HC -55 to 125 oC 54HC Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 2.0 1.5 1.5 1.5 V 4.5 3.15 3.15 3.15 6.0 4.2 4.2 4.2 VIL Low Level Input Voltage 2.0 0.5 0.5 0.5 V 4.5 1.35 1.35 1.35 6.0 1.8 1.8 1.8 VOH High Level Output Voltage 2.0 VI = VIH or VIL IO=-20 µA 1.9 2.0 1.9 1.9 V 4.5 4.4 4.5 4.4 4.4 6.0 5.9 6.0 5.9 5.9 QA TO QH 4.5 IO=-6.0 mA 4.18 4.31 4.13 4.10 6.0 IO=-7.8 mA 5.68 5.8 5.63 5.60 QA’ TO QH’ 4.5 IO=-4.0 mA 4.18 4.31 4.13 4.10 6.0 IO=-5.2 mA 5.68 5.8 5.63 5.60 VOL Low Level Output Voltage 2.0 VI = VIH or VIL IO=20 µA 0.0 0.1 0.1 0.1 V 4.5 0.0 0.1 0.1 0.1 6.0 0.0 0.1 0.1 0.1 QA TO QH 4.5 IO= 6.0 mA 0.17 0.26 0.33 0.40 6.0 IO= 7.8 mA 0.18 0.26 0.33 0.40 QA’ TO QH’ 4.5 IO= 4.0 mA 0.17 0.26 0.33 0.40 6.0 IO= 5.2 mA 0.18 0.26 0.33 0.40 II Input Leakage Current 6.0 VI =VCC or GND ±0.1 ±1 ±1 µA IOZ 3 State Output Off-state Current 6.0 VI =VIH or VIL VO =VCC or GND ±0.5 ±5 ±10 µA ICC Quiescent Supply Current 6.0 VI =VCC or GND 4 40 80 µA AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns) Symbol Parameter Test Conditions Value Unit VCC (V) CL (pF) TA =25 oC 54HC and 74HC -40 to 85 oC 74HC -55 to 125 oC 54HC Min. Typ. Max. Min. Max. Min. Max. tTLH tTHL Output Transition Time (QA, QH) 2.0 50 25 60 75 90 ns 4.5 7 121518 6.0 6 101315 tTLH tTHL Output Transition Time (QA’, QH’) 2.0 50 30 75 95 110 ns 4.5 8 151922 6.0 7 131619 tPLH tPHL Propagation Delay Time (CK - QA’, QH’) 2.0 50 85 170 215 255 ns 4.5 23 34 43 51 6.0 18 29 37 43 tPHL Propagation Delay Time (CLR - QA’, QH’) 2.0 50 for HC299 85 175 220 265 ns 4.5 24 35 44 53 6.0 18 30 37 45 M54/M74HC299/323 7/15 |