Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

00821 Arkusz danych(PDF) 1 Page - ABB

Numer części 00821
Szczegółowy opis  IP55- CABLE GL.-LOW LID-100X100X80
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABB [ABB]
Strona internetowa  http://www.abb.com
Logo ABB - ABB

00821 Arkusz danych(HTML) 1 Page - ABB

  00821 Datasheet HTML 1Page - ABB 00821 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
EAN:
Minimum Order Quantity:
Customs Tariff Number:
Product Net Width:
Product Net Height:
Product Net Depth:
Product Net Weight:
Package Level 1 Units:
Package Level 1 Width:
Package Level 1 Height:
Package Level 1 Length:
Package Level 1 Gross Weight:
Package Level 1 EAN:
Package Level 2 Units:
RoHS Status:
Color:
Degree of Protection:
Enclosure Material:
IIT Publishing Status:
Material:
Mounting Type:
Product Main Type:
Product Name:
Protection Class:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
RoHS Information:
ETIM 4:
ETIM 5:
Object Classification Code:
General Information
M008210000
00821
8000126008210
IP55- CABLE GL.-LOW LID-100X100X80
IP55- CABLE GL.-LOW LID-100X100X80 - GWT 650°C
Categories
Products
» Low Voltage Products and Systems » Enclosures (System Pro E) » Junction Boxes (System pro E - Installation
Material)
» Floor Distribution System
Ordering
8000126008210
1 piece
85381000
Dimensions
0.1 m
0.1 m
0.05 m
0.225 kg
Container Information
1 piece
400 mm
265 mm
590 mm
11.14 kg
8000126068801
40 piece
Environmental
Planned to follow EU Directive 2002/95/EC August 18, 2005 and amendment after 2006-01-
01
Additional Information
grey RAL7035
IP55
thermoplastic
Level 0 - Information enabled
thermoplastic
wall-mounting
Watertight Boxes
Watertight Boxes
Isolated
Certificates and Declarations (Document Number)
1SLC001001D0905
1SLT100031D0200
1SLT00014R4E0
Classifications
EC002600 - Box/housing for surface mounting on the wall/ceiling
EC002600 - Box/housing for surface mounting on the wall/ceiling
U
M008210000


Podobny numer części - 00821

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wiha Tools
00821 WIHA-00821 Datasheet
58Kb / 1P
Screwdriver SoftFinish electric
logo
Molex Electronics Ltd.
0082186002 MOLEX3-0082186002 Datasheet
210Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable
0082186003 MOLEX3-0082186003 Datasheet
210Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 3 Circuits
0082186004 MOLEX3-0082186004 Datasheet
210Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 4 Circuits
0082186005 MOLEX3-0082186005 Datasheet
210Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 5 Circuits
More results

Podobny opis - 00821

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GL-8U ETC-GL-8U Datasheet
197Kb / 6P
GL-8U
logo
HARTING Technology Grou...
19-46-110-0291 HARTING-19-46-110-0291 Datasheet
489Kb / 2P
Han-Eco 10A-HSM2-M25 w. cable gl.
19-46-110-0290 HARTING-19-46-110-0290 Datasheet
489Kb / 2P
Han-Eco 10A-HSM2-M20 w. cable gl.
19-46-110-0251 HARTING-19-46-110-0251 Datasheet
485Kb / 2P
Han-Eco 10A-HSM1-M25 w. cable gl.
19-46-110-0250 HARTING-19-46-110-0250 Datasheet
485Kb / 2P
Han-Eco 10A-HSM1-M20 w. cable gl.
19-46-116-0291 HARTING-19-46-116-0291 Datasheet
492Kb / 2P
Han-Eco 16A-HSM2-M25 w. cable gl.
19-46-116-0250 HARTING-19-46-116-0250 Datasheet
487Kb / 2P
Han-Eco 16A-HSM1-M20 w. cable gl.
19-46-110-0446 HARTING-19-46-110-0446 Datasheet
480Kb / 2P
Han-Eco 10A-HTE-M25 w. cable gl.
19-46-116-0446 HARTING-19-46-116-0446 Datasheet
483Kb / 2P
Han-Eco 16A-HTE-M25 w. cable gl.
19-46-116-0445 HARTING-19-46-116-0445 Datasheet
483Kb / 2P
Han-Eco 16A-HTE-M20 w. cable gl.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com