| Zakładka z wyszukiwarką danych komponentów |
|
DIA1412CMP8 Arkusz danych(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIA1412CMP8 Arkusz danych(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD |
|
8 / 34 page ![]() DIA1412 Version 1.0, Jul 2024 www.dioo.com © 2024 DIOO MICROCIRCUITS CO., LTD. 4 ILEAK Leakage current ______ ALERT and ______ THERM/ADDR pins device powered or unpowered TA < 85°C pull-up voltage ≤ 3.6 V ±5 µA SMBus interface VIH Input high voltage 5 V tolerant 2.0 VDD V VIL Input low voltage 5 V tolerant -0.3 0.8 V ILEAK Leakage current Powered or unpowered, TA < 85°C ±5 µA VHYS Hysteresis 420 mV CIN Input capacitance 5 pF IOL Output low sink current SMDATA = 0.4 V 8.2 15 mA SMBus timing (1, 2) fsmb Clock frequency 10 400 kHz tSP Spike suppression 50 ns tBUF Bus free time stop to start 1.3 µs tHD:STA Hold time: start 0.6 µs tSU:STA Setup time: start 0.6 µs tSU:STO Setup time: stop 0.6 µs tHD:DAT Data hold time When transmitting to the master 0 µs When receiving from the master 0.3 tSU:DAT Data setup time 100 ns tLOW Clock low period 1.3 µs tHIGH Clock high period 0.6 µs tFALL Clock/data fall time Min. = 20 + 0.1CLOAD ns 300 ns tRISE (1) Clock/data rise time Min. = 20 + 0.1CLOAD ns 300 ns CLOAD Capacitive load Per bus line 400 pF SMBus timeout (1) ttimeout Device will reset if SMCLK is hold low for more than Ttimeout 30 ms Note: (1) Guaranteed by digital design. (2) See figure 1. (3) Specifications subject to change without notice. |