| Zakładka z wyszukiwarką danych komponentów |
|
SLRC400 Arkusz danych(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SLRC400 Arkusz danych(HTML) 21 Page - NXP Semiconductors |
|
21 / 130 page ![]() Philips Semiconductors Product Specification Rev. 2.0 November 2001 I •CODE Reader IC SL RC400 21 Preliminary 5.2.1.3 FIFOData Register In- and output of the 64 byte FIFO buffer Name: FIFOData Address: 0x02 Reset value: XXXXXXXX, 0xXX 7 6 5 4 3 2 1 0 FIFOData Access Rights dy dy dy dy dy dy dy dy Description of the bits Bit Symbol Function 7-0 FIFOData Data Input and Output Port for the internal 64 byte FIFO buffer. The FIFO buffer acts as parallel in/parallel out converter for all data stream in- and outputs. |