| Zakładka z wyszukiwarką danych komponentów |
|
OPS2 Arkusz danych(PDF) 93 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 Arkusz danych(HTML) 93 Page - ABB |
|
93 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated switch-disconnectors OT160...800, base mounting, IEC OT315_P and OT400_P Mechanism at the end of the switch or between the poles 26 B1 B2 A2 17 35 C1 C2 48 5 11 Ø 70 120 150 65 B A 25 185 40 4 126/51,5 32,5 12 45 20 min 85 165...245 (OXP12x185) 95 M00012_ES/OT315_400E01_04 E OT315_...OT400_ [mm] E01 E02 E03 E04 A 103 147 191 235 B - 44 44 44 A1 140 140 140 140 A2 78 122 166 210 B1 135 135 135 135 B2 96 140 184 228 C1 104 104 104 104 C2 114 158 202 246 26 A1 26 B1 B2 A2 17 35 C1 C2 48 5 11 Ø 70 120 150 65 B A 25 185 40 4 126/51,5 32,5 12 45 20 min 85 165...245 (OXP12x185) 95 M00012_ES/OT315_400E01_04 E OT315_...OT400_ [mm] E01 E02 E03 E04 A 103 147 191 235 B - 44 44 44 A1 140 140 140 140 A2 78 122 166 210 B1 135 135 135 135 B2 96 140 184 228 C1 104 104 104 104 C2 114 158 202 246 26 A1 OT315_P and OT400_P Mechanism at the end of the switch or between the poles A2 140 A1 B2 135 B1 C2 104 C1 25 48 Ø11 5 12,5 150 A B 44 140 120 70 M5 185 40 4 32,5 20 min 85 165...245 (OXP 12x185) 45 12 95 126/51,5 22 6 0,24 M00018/OT315_400E11_22 E OT315/400_ [mm] E11 E12 E13 E22 A 109 109 109 153 B 152 196 240 240 A1122 166 210 210 A2 61 61 61 105 B1140 184 228 228 B2 70 70 70 114 C1 158 202 246 246 C2 79 79 79 123 A2 140 A1 B2 135 B1 C2 104 C1 25 48 Ø11 5 12,5 150 A B 44 140 120 70 M5 185 40 4 32,5 20 min 85 165...245 (OXP 12x185) 45 12 95 126/51,5 22 6 0,24 M00018/OT315_400E11_22 E OT315/400_ [mm] E11 E12 E13 E22 A 109 109 109 153 B 152 196 240 240 A1122 166 210 210 A2 61 61 61 105 B1140 184 228 228 B2 70 70 70 114 C1 158 202 246 246 C2 79 79 79 123 Main dimensions mm OT315_...OT400_ [mm] E01 E02 E03 E04 A 103 147 191 235 B - 44 44 44 A1 140 140 140 140 A2 78 122 166 210 B1 135 135 135 135 B2 96 140 184 228 C1 104 104 104 104 C2 114 158 202 246 M00012_ES/OT315_400E01_04 E OT315_...OT400_ [mm] E11 E12 E13 E22 A 109 109 109 153 B 152 196 240 240 A1 122 166 210 210 A2 61 61 61 105 B1 140 184 228 228 B2 70 70 70 114 C1 158 202 246 246 C2 79 79 79 123 M00018/OT315_400E11_22 E ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 93 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 93 |