| Zakładka z wyszukiwarką danych komponentów |
|
APM32F103TBU7-R Arkusz danych(PDF) 48 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32F103TBU7-R Arkusz danych(HTML) 48 Page - Geehy Semiconductor Co., Ltd. |
|
48 / 78 page ![]() w w w. g e e h y. c o m P a g e 47 Symbol Parameter Condition Minimum value Maximum value Unit tdis(SO)(2)(4) Disable time of data output Slave Mode 12 - ns tv(SO)(2)(1) Effective time of data output Slave mode (after enabling the edge) - 19.3 ns tv(MO)(2)(1) Effective time of data output Master mode (after enabling the edge) - 7.6 ns th(SO)(2) Data output hold time Slave mode (after enabling the edge) 10.7 - ns th(MO)(2) Master mode (after enabling the edge) 2 - 1. The SPI1 feature of remapping needs to be further determined. 2. The data are calculated and are not tested in production. 3. The minimum value represents the minimum time to drive the output, and the maximum value represents the maximum time to make the data valid. 4. The minimum value represents the minimum time to disable the output, and the maximum value represents the maximum time to put the data cable in high-impedance state. |