| Zakładka z wyszukiwarką danych komponentów |
|
OTPS80FD Arkusz danych(PDF) 90 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPS80FD Arkusz danych(HTML) 90 Page - ABB |
|
90 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated switch-disconnectors OT160...800, base mounting, IEC OT160EV_P, OT200_P and OT250_P Mechanism at the end of the switch or between the poles A2 114 A1 B2 109,5 B1 C1 84 C2 114 57 B A 70 35 20 35 9 4 122 100 M5 10 33,5 3 25 150 70 14 min 189...254 (OXP 6x210) 45 6 65 83 12,5 6 OT160EV_/200E_/250E_ [mm] E11 E12 E13 E22 A 80 80 80 115 B 115,5 150,5 185,5 185,5 A190 125 160 160 A2 45 45 45 80 B1106 141 141 176 B2 53 53 53 88 C1 120 155 190 190 C2 60 60 60 95 M00017/OT200_250E11_22 F A2 114 A1 B2 109,5 B1 C1 84 C2 114 57 B A 70 35 20 35 9 4 122 100 M5 10 33,5 3 25 150 70 14 min 189...254 (OXP 6x210) 45 6 65 83 12,5 6 OT160EV_/200E_/250E_ [mm] E11 E12 E13 E22 A 80 80 80 115 B 115,5 150,5 185,5 185,5 A190 125 160 160 A2 45 45 45 80 B1106 141 141 176 B2 53 53 53 88 C1 120 155 190 190 C2 60 60 60 95 M00017/OT200_250E11_22 F 10 114 A1 109,5 B1 18 84 C1 25 10 Ø9 4 35 17,5 100 57 45 A 35 20 122 M5 34,6 33,5 25 150 70 189...254 14 min 45 3 6 ( OXP 6x210) 65 83 12,5 6 66 OT160EV_/200E_/250E_ [mm] E01 E02 E03 E04 A 75,5 110,5 145,5 180,5 A155 90 125 160 B171 106 141 176 C1 85 120 155 190 M00011/S01843 OT200_250E01_04 F 10 114 A1 109,5 B1 18 84 C1 25 10 Ø9 4 35 17,5 100 57 45 A 35 20 122 M5 34,6 33,5 25 150 70 189...254 14 min 45 3 6 ( OXP 6x210) 65 83 12,5 6 66 OT160EV_/200E_/250E_ [mm] E01 E02 E03 E04 A 75,5 110,5 145,5 180,5 A155 90 125 160 B171 106 141 176 C1 85 120 155 190 M00011/S01843 OT200_250E01_04 F OT160EV_P, OT200_P and OT250_P Mechanism at the end of the switch or between the poles Main dimensions mm OT160EV_/200E_/250E_ [mm] E01 E02 E03 E04 A 75,5 110,5 145,5 180,5 A1 55 90 125 160 B1 71 106 141 176 C1 85 120 155 190 M00011/S01843 OT200_250E01_04 F OT160EV_/200E_/250E_ [mm] E11 E12 E13 E22 A 80 80 80 115 B 115,5 150,5 185,5 185,5 A1 90 125 160 160 A2 45 45 45 80 B1 106 141 141 176 B2 53 53 53 88 C1 120 155 190 190 C2 60 60 60 95 M00017/OT200_250E11_22 F 90 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 90 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |