| Zakładka z wyszukiwarką danych komponentów |
|
AM261...ZCZ Arkusz danych(PDF) 147 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ Arkusz danych(HTML) 147 Page - Texas Instruments |
|
147 / 218 page ![]() 6.11.5.11 Serial Peripheral Interface (SPI) For more details about features and additional description information on the device Serial Port Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections. Note The device has multiple SPI modules. The generic SPI_ prefix is used to represent the signal names for all SPI instances. For more information, see the Serial Peripheral Interface (SPI) section in the device TRM. 6.11.5.11.1 SPI Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input Slew Rate 2 8.5 V/ns OUTPUT CONDITIONS CL Output Load Capacitance 2 24 pF 6.11.5.11.2 SPI Controller Mode Timing Requirements NO. PARAMETER DESCRIPTION MIN MAX UNIT Normal Mode SM4 tsu(MISO-SPICLK) Setup time, SPI_D[x] valid before SPI_SCLK active edge 2 ns SM5 th(SPICLK-MISO) Hold time, SPI_D[x] valid after SPI_SCLK active edge 3 ns www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 147 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |