Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM261...ZCZ Arkusz danych(PDF) 28 Page - Texas Instruments

Numer części AM261...ZCZ
Szczegółowy opis  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Arkusz danych(HTML) 28 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 24Page - Texas Instruments AM261...ZCZ Datasheet HTML 25Page - Texas Instruments AM261...ZCZ Datasheet HTML 26Page - Texas Instruments AM261...ZCZ Datasheet HTML 27Page - Texas Instruments AM261...ZCZ Datasheet HTML 28Page - Texas Instruments AM261...ZCZ Datasheet HTML 29Page - Texas Instruments AM261...ZCZ Datasheet HTML 30Page - Texas Instruments AM261...ZCZ Datasheet HTML 31Page - Texas Instruments AM261...ZCZ Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
A17
E18
A18
GPIO114
GPIO114_CFG_REG
0x5310 01C8
0x0000 05F7
PR0_PRU1_GPIO15
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RMII1_TX_EN
2
O
RGMII1_TX_CTL
3
O
MII1_TX_EN
4
O
GPIO114
7
IO
TRC_DATA11
8
O
B18
F17
D18
GPIO115
GPIO115_CFG_REG
0x5310 01CC
0x0000 05F7
PR0_PRU1_GPIO11
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RMII1_TXD0
2
O
RGMII1_TD0
3
O
MII1_TXD0
4
O
GPIO115
7
IO
TRC_DATA12
8
O
B17
D20
C18
GPIO116
GPIO116_CFG_REG
0x5310 01D0
0x0000 05F7
PR0_PRU1_GPIO12
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RMII1_TXD1
2
O
RGMII1_TD1
3
O
MII1_TXD1
4
O
GPIO116
7
IO
TRC_DATA13
8
O
D16
C20
B19
GPIO117
GPIO117_CFG_REG
0x5310 01D4
0x0000 05F7
PR0_PRU1_GPIO13
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RGMII1_TD2
3
O
MII1_TXD2
4
O
GPIO117
7
IO
TRC_DATA14
8
O
XBAROUT11
10
O
C17
D19
C17
GPIO118
GPIO118_CFG_REG
0x5310 01D8
0x0000 05F7
PR0_PRU1_GPIO14
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RGMII1_TD3
3
O
MII1_TXD3
4
O
GPIO118
7
IO
TRC_DATA15
8
O
XBAROUT12
10
O
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More