| Zakładka z wyszukiwarką danych komponentów |
|
AM2431BSDGHIALVR. Arkusz danych(PDF) 137 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALVR. Arkusz danych(HTML) 137 Page - Texas Instruments |
|
137 / 282 page ![]() When selecting a crystal, the system design must consider temperature and aging characteristics of the crystal based on worst case environment and expected life expectancy of the system. Table 6-23 details the switching characteristics of the oscillator. Table 6-23. MCU_OSC0 Switching Characteristics - Crystal Mode PARAMETER PACKAGE MIN TYP MAX UNIT CXI XI Capacitance ALV 1.44 pF CXO XO Capacitance 1.52 pF CXIXO XI to XO Mutual Capacitance 0.01 pF CXI XI Capacitance ANI 1.435 pF CXO XO Capacitance 1.472 pF CXIXO XI to XO Mutual Capacitance 0.01 pF CXI XI Capacitance ALX 0.812 pF CXO XO Capacitance 0.821 pF CXIXO XI to XO Mutual Capacitance 0.01 pF ts Start-up Time 4 ms VDDS_OSC MCU_OSC0_XO t sX Time VSS VDDS_OSC (min.) VDD_CORE (min.) VSS VDD_CORE AM65x_MCU_OSC_STARTUP_02 Figure 6-18. MCU_OSC0 Start-up Time 6.11.4.1.1.1 Load Capacitance The crystal circuit must be designed such that it applies the appropriate capacitive load to the crystal, as defined by the crystal manufacturer. The capacitive load, CL, of this circuit is a combination of discrete capacitors CL1, CL2, and several parasitic contributions. PCB signal traces which connect crystal circuit components to MCU_OSC0_XI and MCU_OSC0_XO have parasitic capacitance to ground, CPCBXI and CPCBXO, where the PCB designer should be able to extract parasitic capacitance for each signal trace. The MCU_OSC0 circuits and device package have combined parasitic capacitance to ground, CPCBXI and CPCBXO, where these parasitic capacitance values are defined in Table 6-23. www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 137 Product Folder Links: AM2434 AM2432 AM2431 |