| Zakładka z wyszukiwarką danych komponentów |
|
AM2431BSDGHIALVR. Arkusz danych(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALVR. Arkusz danych(HTML) 54 Page - Texas Instruments |
|
54 / 282 page ![]() Table 5-1. Pin Attributes (ALV, ANI, ALX Packages) (continued) ALV ANI BALL NUMBER [1] ALX BALL NUMBER [1] BALL NAME [2] PADCONFIG Register [15] PADCONFIG Address [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] DSIS [6] BALL STATE DURING RESET RX/TX/PULL [7] BALL STATE AFTER RESET RX/TX/PULL [8] MUX MODE AFTER RESET [9] IO OPERATING VOLTAGE [10] POWER [11] HYS [12] BUFFER TYPE [14] Pull UP/DOWN TYPE [13] E16 A11 UART1_RTSn PADCONFIG: PADCONFIG147 0x000F424C UART1_RTSn 0 O Off / Off / Off Off / Off / Off 7 1.8V / 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI1_CS3 1 IO 1 UART3_TXD 4 O CP_GEMAC_CPTS0_HW2TSPUSH 5 I 0 SPI4_CS0 6 IO 1 GPIO1_59 7 IO pad EQEP1_I 8 IO 0 E15 B12 UART1_RXD PADCONFIG: PADCONFIG144 0x000F4240 UART1_RXD 0 I 1 Off / Off / Off Off / Off / Off 7 1.8V / 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI2_CS0 2 IO 1 CP_GEMAC_CPTS0_TS_COMP 5 O GPIO1_56 7 IO pad EQEP1_A 8 I 0 E14 A12 UART1_TXD PADCONFIG: PADCONFIG145 0x000F4244 UART1_TXD 0 O Off / Off / Off Off / Off / Off 7 1.8V / 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI2_CLK 2 IO 0 CP_GEMAC_CPTS0_HW1TSPUSH 5 I 0 GPIO1_57 7 IO pad EQEP1_B 8 I 0 AA20 AA17 USB0_DM USB0_DM IO 1.8V / 3.3V VDDA_3P3_USB0, VDDA_1P8_USB0 USB2PHY AA19 AA16 USB0_DP USB0_DP IO 1.8V / 3.3V VDDA_3P3_USB0, VDDA_1P8_USB0 USB2PHY E19 B19 USB0_DRVVBUS PADCONFIG: PADCONFIG170 0x000F42A8 USB0_DRVVBUS 0 O Off / Off / Down Off / Off / Down 7 1.8V / 3.3V VDDSHV0 Yes LVCMOS PU/PD GPIO1_79 7 IO pad U16 Y17 USB0_ID USB0_ID A 1.8V / 3.3V VDDA_3P3_USB0, VDDA_1P8_USB0 USB2PHY U17 W17 USB0_RCALIB USB0_RCALIB A 1.8V / 3.3V VDDA_3P3_USB0, VDDA_1P8_USB0 USB2PHY T14 V18 USB0_VBUS USB0_VBUS A 1.8V / 3.3V VDDA_3P3_USB0, VDDA_1P8_USB0 USB2PHY P12, P13 VDDA_0P85_SERDES0 VDDA_0P85_SERDES0 PWR P11 VDDA_0P85_SERDES0_C VDDA_0P85_SERDES0_C PWR T12 V16 VDDA_0P85_USB0 VDDA_0P85_USB0 PWR R14 VDDA_1P8_SERDES0 VDDA_1P8_SERDES0 PWR R15 U15 VDDA_1P8_USB0 VDDA_1P8_USB0 PWR H15 K15 VDDA_3P3_SDIO VDDA_3P3_SDIO PWR R13 U16 VDDA_3P3_USB0 VDDA_3P3_USB0 PWR J13 G17, H17 VDDA_ADC VDDA_ADC PWR AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 54 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |