| Zakładka z wyszukiwarką danych komponentów |
|
AM2431BSDGHIALVR. Arkusz danych(PDF) 237 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALVR. Arkusz danych(HTML) 237 Page - Texas Instruments |
|
237 / 282 page ![]() For more information, see Universal Asynchronous Receiver/Transmitter (UART) section in Peripherals chapter in the device TRM. 6.11.5.19 USB The USB 2.0 subsystem is compliant with the Universal Serial Bus (USB) Specification, revision 2.0. Refer to the specification for timing details. The USB 3.1 GEN1 subsystem is compliant with the Universal Serial Bus (USB) 3.1 Specification, revision 1.0. Refer to the specification for timing details. For more details about features and additional description information on the device Universal Serial Bus Subsystem (USB), see the SERDES0 Signal Descriptions and the corresponding subsection within Detailed Description. www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 237 Product Folder Links: AM2434 AM2432 AM2431 |