| Zakładka z wyszukiwarką danych komponentów |
|
AM2431BSDGHIALVR. Arkusz danych(PDF) 272 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2431BSDGHIALVR. Arkusz danych(HTML) 272 Page - Texas Instruments |
|
272 / 282 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 19-Jun-2026 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant AM2431BSDFHIALVR FCBGA ALV 441 500 330.0 32.4 17.6 17.6 3.74 24.0 32.0 Q1 AM2431BSDFHIALXR FCCSP ALX 293 1000 330.0 24.4 11.4 11.4 1.75 16.0 24.0 Q1 AM2431BSDGHIALVR FCBGA ALV 441 500 330.0 32.4 17.6 17.6 3.74 24.0 32.0 Q1 AM2431BSDGHIALXR FCCSP ALX 293 1000 330.0 24.4 11.4 11.4 1.75 16.0 24.0 Q1 AM2432BKEGHIALXR FCCSP ALX 293 1000 330.0 24.4 11.4 11.4 1.75 16.0 24.0 Q1 AM2432BKFGHIALXR FCCSP ALX 293 1000 330.0 24.4 11.4 11.4 1.75 16.0 24.0 Q1 AM2432BSDFHIALVR FCBGA ALV 441 500 330.0 32.4 17.6 17.6 3.74 24.0 32.0 Q1 AM2432BSDFHIALXR FCCSP ALX 293 1000 330.0 24.4 11.4 11.4 1.75 16.0 24.0 Q1 AM2432BSDGHIALVR FCBGA ALV 441 500 330.0 32.4 17.6 17.6 3.74 24.0 32.0 Q1 AM2432BSDGHIALXR FCCSP ALX 293 1000 330.0 24.4 11.4 11.4 1.75 16.0 24.0 Q1 AM2432BSEFHIALVR FCBGA ALV 441 500 330.0 32.4 17.6 17.6 3.74 24.0 32.0 Q1 AM2432BSEFHIALXR FCCSP ALX 293 1000 330.0 24.4 11.4 11.4 1.75 16.0 24.0 Q1 AM2432BSFFHIALVR FCBGA ALV 441 500 330.0 32.4 17.6 17.6 3.74 24.0 32.0 Q1 AM2432BSFFHIALXR FCCSP ALX 293 1000 330.0 24.4 11.4 11.4 1.75 16.0 24.0 Q1 AM2432BSFFHIANIR FCCSP ANI 441 1000 330.0 32.4 17.6 17.6 1.7 20.0 32.0 Q1 AM2434BSDFHIALVR FCBGA ALV 441 500 330.0 32.4 17.6 17.6 3.74 24.0 32.0 Q1 Pack Materials-Page 1 |