| Zakładka z wyszukiwarką danych komponentów |
|
AM261...ZEJ Arkusz danych(PDF) 88 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Arkusz danych(HTML) 88 Page - Texas Instruments |
|
88 / 218 page ![]() 6.7 Power Consumption Summary Section 6.7.1, Power Consumption - Maximum shows the maximum current consumed by each rail and should be used for power supply selection. 6.7.1 Power Consumption - Maximum for R5F at 400MHz with R5F at 400MHz, TJ at 150℃ SUPPLY NAME PARAMETER MIN MAX(1) UNIT VDD + VDDARn Maximum Current Rating for Core Domain and SRAM power 1.75 A VDDS33 Maximum Current Rating for 3.3V IO supply 3.3V IOs Only(2) 200 mA 1.8V IOs and 3.3V IOs(3) 120 mA VDDS18 Maximum Current Rating for 1.8V IO supply 3.3V IOs Only(2) 0 mA 1.8V IOs and 3.3V IOs(3) 80 mA VDDA33 Maximum Current Rating for 3.3V Analog supply 100 mA (1) The maximum values show the maximum possible current needed for each power rail, and are only intended for power supply selection. For power consumption in typical applications, see Power Consumption - Typical. (2) This is when all IOs are operating in the 3.3V domain. (3) This is when OSPI0 and OSPI1 IOs are operating in the 1.8V domain. 6.7.2 Power Consumption - Maximum for R5F at 500MHz with R5F at 500MHz, TJ at 125℃ SUPPLY NAME PARAMETER MIN MAX(1) UNIT VDD + VDDARn Maximum Current Rating for Core Domain and SRAM power 1.5 A VDDS33 Maximum Current Rating for 3.3V IO supply 3.3V IOs Only(2) 200 mA 1.8V IOs and 3.3V IOs(3) 120 mA VDDS18 Maximum Current Rating for 1.8V IO supply 3.3V IOs Only(2) 0 mA 1.8V IOs and 3.3V IOs(3) 80 mA VDDA33 Maximum Current Rating for 3.3V Analog supply 100 mA (1) The maximum values show the maximum possible current needed for each power rail, and are only intended for power supply selection. For power consumption in typical applications, see Power Consumption - Typical. (2) This is when all IOs are operating in the 3.3V domain. (3) This is when OSPI0 and OSPI1 IOs are operating in the 1.8V domain. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 88 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |