| Zakładka z wyszukiwarką danych komponentów |
|
4SA2 Arkusz danych(PDF) 3 Page - ABB |
|
|
|||||||||||||||||||||||||||||
4SA2 Arkusz danych(HTML) 3 Page - ABB |
|
3 / 12 page ![]() www.abb.com/lowvoltage email info@gb.abb.com Telephone 02476 368500 Facsimile 02476 368401 3/3 3 Switching - Loadbreak Switches IP65 Plastic Enclosure 3 - 4 - 6 pole 16...125 amps • IP65 rated • Grey plastic enclosure • Standard handle - Red/Yellow (padlockable in the off position) • Cable entries top and bottom • All OTP16 (excluding 3p) /25/32 all have 25/20mm reducers Rating @ 415v Cable Dimensions Number [lth A] [AC22] [AC23] kW entries H W D of Poles Order Code Price £ 3P-2xM20 120 85 60 3 + solid neutral OTP16BA3M 17.89 25 16 16 7.5 4P-2xM25+M16 150 130 60 4 OTP16BA4M 24.07 150 130 85 6 OTP16BA6M 53.09 150 130 60 3+ solid neutral OTP25BA3M 23.06 32 25 20 9 2xM25+M16 150 130 60 4 OTP25BA4M 26.48 150 130 85 6 OTP25BA6M 56.67 150 130 60 3+ solid neutral OTP32BA3M 25.01 40 40 23 11 2xM25+M16 150 130 60 4 OTP32BA4M 28.51 150 130 85 6 OTP32BA6M 60.34 200 145 90 3+ solid neutral OTP45BA3M 34.72 63 63 45 22 2xM32+M16 200 145 90 4 OTP45BA4M 40.15 200 145 90 6 OTP45BA6M 76.42 200 145 90 3+ solid neutral OTP63BA3M 44.04 80 80 75 37 2xM32+M16 200 145 90 4 OTP63BA4M 51.80 200 145 90 6 OTP63BA6M 90.67 400 200 140 3+ solid neutral OTP80BA3U 79.66 80 80 55 30 Blank plates 400 200 140 4 OTP80BA4U 110.42 400 200 140 6 OTP80BA6U 192.34 400 200 140 3+ solid neutral OTP125BA3U 142.48 125 125 90 45 Blank plates 400 200 140 4 OTP125BA4U 164.48 400 200 140 6 OTP125BA6U 259.03 OTP16BA3M OTP25BA3M OTP45BA3M OTP80BA3U |