Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6SA2 Arkusz danych(PDF) 10 Page - ABB

Numer części 6SA2
Szczegółowy opis  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABB [ABB]
Strona internetowa  http://www.abb.com
Logo ABB - ABB

6SA2 Arkusz danych(HTML) 10 Page - ABB

Back Button 6SA2 Datasheet HTML 4Page - ABB 6SA2 Datasheet HTML 5Page - ABB 6SA2 Datasheet HTML 6Page - ABB 6SA2 Datasheet HTML 7Page - ABB 6SA2 Datasheet HTML 8Page - ABB 6SA2 Datasheet HTML 9Page - ABB 6SA2 Datasheet HTML 10Page - ABB 6SA2 Datasheet HTML 11Page - ABB 6SA2 Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/10
Switching - Accessories
Auxiliary Contacts
Description
Mounting Position
Suitable Switch
Order Code
Price £
Auxiliary Contact 1 n/o
Right hand side (max 2)
OT16 ... 125
OA1G10
4.98
Auxiliary Contact 1 n/c
Left hand side (max 2)
OT16 ... 125
OA1G01
4.98
Auxiliary Contact 1 n/o
Max 6 contacts per switch
OS20 ... 32
OA1G101)
4.98
Auxiliary Contact 1 n/c
Max 6 contacts per switch
OS20 ... 32
OA3G011)
4.98
Auxiliary Contact 1 n/o
Max 8 contacts per switch
OS63
OA1G10
4.98
Auxiliary Contact 1 n/c
Max 8 contacts per switch
OS63
OA3G01
4.98
Auxiliary Contact 1 n/o
Max 11 contacts per switch
OS100...125
OA1G10
4.98
Auxiliary Contact 1 n/c
Max 11 contacts per switch
OS100...125
OA3G01
4.98
Auxiliary Contact 1 n/o
OT160
OBEA102)
4.98
Auxiliary Contact 1 n/c
OT160
OBEA012)
4.98
Auxiliary Contact 1n/o+1n/c
Max 8 left side
OT20 ... 125
OA2G113)
6.81
Auxiliary Contact 1 n/o
Max 4 under mech. cover
OT200 ... 400
OA1G10
4.98
Auxiliary Contact 1 n/c
Max 4 under mech. cover
OT200 ... 400
OA3G10
4.98
Auxiliary Contact 1 n/c
Max 4 under mech. cover
OS200 ... 630
OA1G01
4.98
Auxiliary Contact 1 c/o
Max 2
OS20 ... 32
OA4B1C
7.66
Mounting Frame
OS20 .. 32
OSZ4
3.18
Mounting Frame
OT160
OEZNP1
8.38
Mounting Frame
Max 8
OT/OS200>
OEA28
8.38
1) Mounting frame required (OSZ4)
2) Mounting frame required (OEZNP1)
3) Fitted with (OEA28)
Spreader Boxes
• IP65 rated
• Spreader boxes can be provided to facillitate the glanding off of larger or multi cable applications.
• When terminating a cable remove the gland plate from the switch enclosure and mount onto the
spreader box.
• The spreader box is then mounted on to the switch enclosure where the gland plate has been removed
by the set screws provided.
Suitable for Loadbreak and Switchfuse
H
W
D
Order Code
Price £
OT20, OT32, OT63, OS20, OS32
160
160
120
SB1G
58.13
OT100, OT125, OT160, OT200
260
260
215
SB2G
72.67
OT315, OT400, OS63, OS100, OS125, OS160
OT630, OT800, OS200, OS315, OS400
400
400
165
SB3G
101.73
OS630
500
500
155
SB4G
118.70
Suitable for Changeover and MCCB
H
W
D
Order Code
Price £
OT20_C, OT32_C, OT63_C, OT125_C
160
160
120
SB1G
58.13
MCCB32, MCCB63, MCCB100, MCCB125,
260
260
215
SB2G
72.67
MCCB160, MCCB250
OT200_C, OT315_C, OT400_C, OT630_C
OT800_C, MCCB400, MCCB630
500
500
155
SB4G
118.70
SB4G
SB1G
OEA28
OA1G10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12