Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMF450 Arkusz danych(PDF) 11 Page - ABB

Numer części TMF450
Szczegółowy opis  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABB [ABB]
Strona internetowa  http://www.abb.com
Logo ABB - ABB

TMF450 Arkusz danych(HTML) 11 Page - ABB

Back Button TMF450 Datasheet HTML 4Page - ABB TMF450 Datasheet HTML 5Page - ABB TMF450 Datasheet HTML 6Page - ABB TMF450 Datasheet HTML 7Page - ABB TMF450 Datasheet HTML 8Page - ABB TMF450 Datasheet HTML 9Page - ABB TMF450 Datasheet HTML 10Page - ABB TMF450 Datasheet HTML 11Page - ABB TMF450 Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Switching - Cam Switches
IP65 Plastic Enclosure
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/11
Enclosed Cam switches
•
For use where multi-pole switching is required
•
Neutral and earth terminal, 6mm2 included
ON-OFF Switches IP65
Dimensions
No of Poles
Function
H
W
D
Order Code
Price £
2 pole
O - I
96
96
70
ONA2EPB
14.27
3 pole
O - I
96
96
70
ONA3EPB
15.80
4 pole
O - I
96
96
70
ONA4EPB
17.34
5 pole
O - I
96
96
85
ONA5EPB
23.71
6 pole
O - I
96
96
85
ONA6EPB
25.41
8 pole
O - I
96
96
108
ONA8EPB
38.47
9 pole
O - I
96
96
138
ONA9EPB
40.87
ON-OFF Switches, Padlockable Handle IP65
Dimensions
No of Poles
Function
H
W
D
Order Code
Price £
2 pole
O - I
96
96
70
ONA2EZB
17.71
3 pole
O - I
96
96
70
ONA3EZB
19.24
4 pole
O - I
96
96
70
ONA4EZB
20.77
5 pole
O - I
96
96
85
ONA5EZB
23.71
6 pole
O - I
96
96
85
ONA6EZB
25.41
8 pole
O - I
96
96
108
ONA8EZB
38.47
9 pole
O - I
96
96
138
ONA9EZB
40.87
ON-OFF Switches, Key Operated IP54
Dimensions
No of Poles
Function
H
W
D
Order Code
Price £
3 pole
O - I
96
96
100
ONA2EKB
24.21
Change-over Switches IP65
Dimensions
No of Poles
Function
H
W
D
Order Code
Price £
1 pole
1 - O - 2
96
96
100
ONU1EPB
13.73
Reversing Switches IP65
Dimensions
No of Poles
Function
H
W
D
Order Code
Price £
3 pole
1 - O - 2
96
96
100
ONW3EPB
26.62
Star Delta Switches IP65
Dimensions
(A)
Function
H
W
D
Order Code
Price £
25
O - Y -
305 215
185
ONSDEPB
35.05
40
O - Y -
305 215
185
OL40SDEPB
43.62
Empty Enclosure IP65
Dimensions
H
W
D
Order Code
Price £
Complete with knockouts
96
96
108
OTC4-M25
7.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com