Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMF630 Arkusz danych(PDF) 12 Page - ABB

Numer części TMF630
Szczegółowy opis  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABB [ABB]
Strona internetowa  http://www.abb.com
Logo ABB - ABB

TMF630 Arkusz danych(HTML) 12 Page - ABB

Back Button TMF630 Datasheet HTML 4Page - ABB TMF630 Datasheet HTML 5Page - ABB TMF630 Datasheet HTML 6Page - ABB TMF630 Datasheet HTML 7Page - ABB TMF630 Datasheet HTML 8Page - ABB TMF630 Datasheet HTML 9Page - ABB TMF630 Datasheet HTML 10Page - ABB TMF630 Datasheet HTML 11Page - ABB TMF630 Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/12
Ammeter - Voltmeter Switches
•
Black handle and frontplate with standard text are included.
Ammeter Switches
For 3 current transformer circuit, with 0 - position
Miniature Door Mounted
No of Stages
Thermal [A]
Order Code
Price £
Single Pole
3
10
OMAU31PB
15.53
Normal Door Mounted
Single Pole
3
25
ONAU31PB
16.76
2 Pole or Direct Measurement in 3 Phases
5
25
ONAU32PB
22.47
Modular DIN Rail Mounted
Single Pole
4
25
ONAU31M
18.72
Voltmeter Switches
4 positions, 3 phase - 3 wire, with 0 - position
Miniature Door Mounted
No of Stages
Thermal [A]
Order Code
Price £
O, L1-L2, L2-L3, L3-L1
2
10
OMV3PB
12.39
Normal Door Mounted
O, L1-L2, L2-L3, L3-L1
2
25
ONV3PB
13.22
Modular DIN Rail Mounted
O, L1-L2, L2-L3, L3-L1
2
25
ONV3M
14.77
3 positions, 3 phase - 3 wire, with 0 - position
Miniature Door Mounted
No of Stages
Thermal [A]
Order Code
Price £
L1-L2, L2-L3, L3-L1
2
10
OMVN3PB
12.39
Normal Door Mounted
L1-L2, L2-L3, L3-L1
2
25
ONVN3PB
16.76
Modular DIN Rail Mounted
L1-L2, L2-L3, L3-L1
2
25
ONVN3M
17.50
7 positions, 3 phase to phase, 3 phase to neutral, with 0 - position
Miniature Door Mounted
No of Stages
Thermal [A]
Order Code
Price £
L1-L3, L2-L3, L1-L2
L1-N, L2-N, L3-N
3
10
OMVN3PB
12.39
Normal Door Mounted
L1-L3, L2-L3, L1-L2
L1-N, L2-N, L3-N
3
25
OMVN30PB
15.72
Modular DIN Rail Mounted
L1-L3, L2-L3, L1-L2
L1-N, L2-N, L3-N
3
25
OMVN30M
15.69
15.69
Switching
Ammeter/Voltmeter Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com