| Zakładka z wyszukiwarką danych komponentów |
|
REF5050ID Arkusz danych(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5050ID Arkusz danych(HTML) 25 Page - Texas Instruments |
|
25 / 52 page ![]() 8.3.3 Thermal Hysteresis Thermal hysteresis for the REF50xx is the change in output voltage after operating the device at 25°C, cycling the device through the specified temperature range, and returning to 25°C. Equation 4 shows thermal hysteresis. VHYST= VPRE−VPOST VNOM ×106ppm (4) where • VHYST = thermal hysteresis (ppm) • VNOM = the specified output voltage • VPRE = output voltage measured at 25°C pre-temperature cycling • VPOST = output voltage measurement after the device cycles from 25°C through the specified temperature range of –40°C to 125°C and returns to 25°C 8.3.4 Noise Performance Typical 0.1Hz to 10Hz voltage noise for each member of the REF50xx family is specified Section 6.5 and Section 6.6. The noise voltage increases with output voltage and operating temperature. Use additional filtering to improve output noise levels. If using additional filtering, verify that the output impedance does not degrade performance. For additional information about minimizing noise and maximizing performance in mixed-signal applications, such as data converters, refer to the How a Voltage Reference Affects ADC Performance Part 1, How a Voltage Reference Affects ADC Performance Part 2, and How a Voltage Reference Affects ADC Performance Part 3 analog design journals. DNC TEMP V OUT V IN GND DNC NC TRIM/NR REF50xx C1 1 F m +V SUPPLY Figure 8-4. Noise Reduction Using the TRIM/NR Pin 8.3.5 Long-Term Stability Due to aging and environmental effects, all semiconductor devices experience physical changes of the semiconductor die and the packaging material over time. Over time, the changes and the associated package stress on the die cause the output voltage in precision voltage references to deviate. The value of such change is specified in the data sheet by a parameter called the long-term stability (also known as the long-term drift (LTD)). Equation 5 shows how LTD is calculated. Note that the LTD value is positive if the output voltage drifts higher over time and negative if the voltage drifts lower over time. Figure 6-23 through Figure 6-30 show the drift of the output voltage for REF50xx over the first 4000 operating hours. LTDppm t=n= VOUTt=0−VOUTt=n VOUTt=0 ×106 (5) where • LTD(ppm)|t=n = long-term stability (ppm) • VOUT|t=0 = output voltage at time = 0 hr • VOUT|t=n = output voltage at time = n hr www.ti.com REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 25 Product Folder Links: REF50 REF50E |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |