Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMX2-433-5 Arkusz danych(PDF) 6 Page - Radiometrix Ltd

Numer części SMX2-433-5
Szczegółowy opis  Small Multi-channel UHF Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RADIOMETRIX [Radiometrix Ltd]
Strona internetowa  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SMX2-433-5 Arkusz danych(HTML) 6 Page - Radiometrix Ltd

  SMX2-433-5 Datasheet HTML 1Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 2Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 3Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 4Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 5Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 6Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Radiometrix Ltd
SMX2 Data Sheet
page 6
Application circuits
RSSI (1a)
Vcc (2a)
TXD (3a)
AF (4a)
RXD (5a)
TXE (6a)
PGM (7a)
0V (1b)
S0 (2b)
S1 (3b)
S2 (4b)
1k
1k
1k
RX
TX
1
2
3
TXD
SGD
4
6
7
8
9
5
ADC
TX/RX
TXD
Test point
RXD
Vdd
Vss
Parallel
Channel
Select
RF GND
3V
regulator
4.2-16V
Figure 4: SMX2 interfaced to host microcontroller and serial port for configuration
RSSI (1a)
Vcc (2a)
TXD (3a)
AF (4a)
MOD RXD (5a)
MOD TXD (6a)
PGM (7a)
0V (1b)
S0 (2b)
S1 (3b)
S2 (4b)
SMX2
1
2
3
TXD
SGD
4
6
7
8
9
5
PC serial port
RXD
RF GND
5 - 16V
SW1
2400 bps
SETMOD
1200 bps
2K2
(for 5V)
Figure 5: SMX2 interfaced to PC serial port (0V / 5V RS232 level)
RSSI (1a)
Vcc (2a)
TXD (3a)
AF (4a)
MOD RXD (5a)
MOD TXD (6a)
PGM (7a)
0V (1b)
S0 (2b)
S1 (3b)
S2 (4b)
SMX2
1
2
3
TXD
SGD
4
6
7
8
9
5
PC serial port
RXD
RF GND
5 - 16V
SW1
1200 bps
2K2
(for 5V)
MAX232
16 (+5V)
5K
Figure 6: SMX2 interfaced to serial port (+10V / -10V RS232 level)



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com