| Zakładka z wyszukiwarką danych komponentów |
|
M74HCT688 Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HCT688 Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() PIN DESCRIPTION PIN No SYMBOL NAME AND FUNCTION 1 G Enable Input (Active LOW) 2, 4, 6, 8, 11, 13, 15, 17 P0 to P7 Word Inputs 3, 5, 7, 9, 12, 14, 16, 18 Q0 to Q7 Word Outputs 19 P = Q Equal to Output 10 GND Ground (0V) 20 VCC Positive Supply Voltage IEC LOGIC SYMBOL ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Source Sink Current Per Output Pin ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500 (*) mW Tstg Storage Temperature -65 to +150 oC TL Lead Temperature (10 sec) 300 oC Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. (*) 500 mW: ≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 5.5 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature: M54HC Series M74HC Series -55 to +125 -40 to +85 oC oC tr,tf Input Rise and Fall Time (VCC = 4.5 to 5.5V) 0 to 500 ns M54/M74HCT688 3/10 |