| Zakładka z wyszukiwarką danych komponentów |
|
ST62T20C Arkusz danych(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T20C Arkusz danych(HTML) 63 Page - STMicroelectronics |
|
63 / 70 page ![]() 63/70 ST62P08C/P09C ST62P10C/P20C ORDERING INFORMATION (Cont’d) Table 4. ROM version Ordering Information (*) Advanced information Sales Type ROM Analog inpu ts Temperature Range Package ST62P08CB1/XXX ST62P08CB6/XXX ST62P08CB3/XXX (*) 1036 Bytes None 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP20 ST62P08CM1/XXX ST62P08CM6/XXX ST62P08CM3/XXX (*) 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO20 ST62P09CB1/XXX ST62P09CB6/XXX ST62P09CB3/XXX (*) 1036 Bytes 4 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP2 ST62P09CM1/XXX ST62P09CM6/XXX ST62P09CM3/XXX (*) 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO20 ST62P10CB1/XXX ST62P10CB6/XXX ST62P10CB3/XXX (*) 1836 Bytes 8 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP20 ST62P10CM1/XXX ST62P10CM6/XXX ST62P10CM3/XXX (*) 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO20 ST62P20CB1/XXX ST62P20CB6/XXX ST62P20CB3/XXX (*) 3884 Bytes 8 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP20 ST62P20CM1/XXX ST62P20CM6/XXX ST62P20CM3/XXX (*) 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO20 63 |