| Zakładka z wyszukiwarką danych komponentów |
|
M58BW016DB Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58BW016DB Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 63 page ![]() M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB 18/63 Table 6. Synchronous Burst Read Bus Operations Note: 1. X = Don't Care, VIL or VIH. 2. M15 = 0, Bit M15 is in the Burst Configuration Register. 3. T = transition, see M6 in the Burst Configuration Register for details on the active edge of K. Bus Operation Step E G GD RP K(3) L B A0-A18 DQ0-DQ31 Synchronous Burst Read Address Latch VIL VIH X VIH T VIL X Address Input Read VIL VIL VIH VIH T VIH VIL Data Output Read Suspend VIL VIH X VIH X VIH VIH High Z Read Resume VIL VIL VIH VIH T VIH VIL Data Output Burst Address Advance VIL VIH X VIH T VIH VIL High Z Read Abort, E VIH XX VIH X X X High Z Read Abort, RP XX X VIL X X X High Z |