| Zakładka z wyszukiwarką danych komponentów |
|
WHASC Arkusz danych(PDF) 6 Page - Whirlpool. |
|
|
|||||||||||||||||||||||||||||
WHASC Arkusz danych(HTML) 6 Page - Whirlpool. |
|
6 / 10 page ![]() 6 Installation Instructions 3. INSTALL BYPASS VALVE AND/OR PLUMBING ADAPTERS: a. If installing a single bypass valve, thread the bypass valve, with lubricated o-ring seals in place, onto the head inlet and outlet ports (See Fig. 3). Tighten the collars by hand for a leak-tight seal. - OR - b. If installing a 3-valve bypass system, thread the included plumbing adapters, with lubricated o-ring seals in place, onto the head inlet and outlet ports (See Fig. 4) Tighten the collars by hand for a leak- tight seal. 1. TURN OFF WATER SUPPLY a. Close the main water supply valve near the well pump or water meter. b. Shut off the electric or fuel supply to the water heater. c. Open high and low faucets to drain all water from the house pipes. 2. REMOVE TOP COVER: a. Unsnap the top cover from the rim by pulling back on both corners at the bottom of the rear opening. Lift off the top cover and either set it aside or hang it from the post on the rim (See Fig. 6). Post Top Cover FIG. 6 Electrical Shock Hazard Prior to installation on metallic plumbing, securely install two grounding clamps and a #4 copper wire per installation instructions. Failure to follow these instructions can result in death or electrical shock. FIG. 7 4. COLD WATER PIPE GROUNDING IMPORTANT: The house cold water pipe (metal only) is often used as a ground for the house electrical system, The 3-valve bypass type of installation, shown in Figure 4, will maintain ground continuity. If you use a plastic bypass valve at the unit, continuity is broken. To restore the ground, do the following: a. Install a #4 copper wire across the removed section of main water pipe, securely clamping it at both ends (See Figure 7) - parts not included Ground Wire (not included) Clamp (2 - not included) |