Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431ILPM Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TL431ILPM
Szczegółowy opis  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL431ILPM Arkusz danych(HTML) 3 Page - Texas Instruments

  TL431ILPM Datasheet HTML 1Page - Texas Instruments TL431ILPM Datasheet HTML 2Page - Texas Instruments TL431ILPM Datasheet HTML 3Page - Texas Instruments TL431ILPM Datasheet HTML 4Page - Texas Instruments TL431ILPM Datasheet HTML 5Page - Texas Instruments TL431ILPM Datasheet HTML 6Page - Texas Instruments TL431ILPM Datasheet HTML 7Page - Texas Instruments TL431ILPM Datasheet HTML 8Page - Texas Instruments TL431ILPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
PREVIEW
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Vref TOLERANCE (25°C) = 2%
TL431, TL432 ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431CP
TL431CP
SOIC (D)
Tube of 75
TL431CD
TL431C
SOIC (D)
Reel of 2500
TL431CDR
TL431C
SOP (PS)
Reel of 2000
TL431CPSR
T431
Reel of 3000
TL431CDBVR
T3C_
SOT-23-5 (DBV)
Reel of 250
TL431CDBVT
T3C_
SOT-23-5 (DBV)
Reel of 3000
TL432CDBVR
T4C_
Reel of 250
TL432CDBVT
T4C_
Reel of 3000
TL431CDBZR
T3C_
SOT-23-3 (DBZ)
Reel of 250
TL431CDBZT
T3C_
0
°C to 70°C
SOT-23-3 (DBZ)
Reel of 3000
TL432CDBZR
T4C_
0 C to 70 C
Reel of 250
TL432CDBZT
T4C_
SOT-89 (PK)
Reel of 1000
TL431CPK
43
SOT-89 (PK)
Reel of 1000
TL432CPK
2A
Bulk of 1000,
straight lead
TL431CLP
TO-226/TO-92 (LP)
Ammo of 2000,
formed lead
TL431CLPM
TL431C
Reel of 2000,
formed lead
TL431CLPR
TSSOP (PW)
Tube of 150
TL431CPW
T431
TSSOP (PW)
Reel of 2000
TL431CPWR
T431
PDIP (P)
Tube of 50
TL431IP
TL431IP
SOIC (D)
Tube of 75
TL431ID
TL431I
SOIC (D)
Reel of 2500
TL431IDR
TL431I
Reel of 3000
TL431IDBVR
T3I_
SOT-23-5 (DBV)
Reel of 250
TL431IDBVT
T3I_
SOT-23-5 (DBV)
Reel of 3000
TL432IDBVR
T4I_
Reel of 250
TL432IDBVT
T4I_
Reel of 3000
TL431IDBZR
T3I_
−40 C to 85 C
SOT-23-3 (DBZ)
Reel of 250
TL431IDBZT
T3I_
−40
°C to 85°C
SOT-23-3 (DBZ)
Reel of 3000
TL432IDBZR
T4I_
Reel of 250
TL432IDBZT
T4I_
SOT-89 (PK)
Reel of 1000
TL431IPK
3I
SOT-89 (PK)
Reel of 1000
TL432IPK
2B
Bulk of 1000,
straight lead
TL431ILP
TO-226/TO-92 (LP)
Ammo of 2000,
formed lead
TL431ILPM
TL431I
Reel of 2000,
formed lead
TL431ILPR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ: The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com