Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT3000 Arkusz danych(PDF) 2 Page - Advanced Crystal Technology

Numer części ACT3000
Szczegółowy opis  TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACT [Advanced Crystal Technology]
Strona internetowa  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT3000 Arkusz danych(HTML) 2 Page - Advanced Crystal Technology

  ACT3000 Datasheet HTML 1Page - Advanced Crystal Technology ACT3000 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PACKAGE OPTIONS
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Customer to specify : Frequency, Supply Voltage, Frequency Stability, Operating Temperature Range & Package
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Issue: 3 D2
Date: 10/08/04
2 of 2



Html Pages

1 2