Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST72681/R20 Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części ST72681/R20
Szczegółowy opis  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681/R20 Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button ST72681/R20 Datasheet HTML 12Page - STMicroelectronics ST72681/R20 Datasheet HTML 13Page - STMicroelectronics ST72681/R20 Datasheet HTML 14Page - STMicroelectronics ST72681/R20 Datasheet HTML 15Page - STMicroelectronics ST72681/R20 Datasheet HTML 16Page - STMicroelectronics ST72681/R20 Datasheet HTML 17Page - STMicroelectronics ST72681/R20 Datasheet HTML 18Page - STMicroelectronics ST72681/R20 Datasheet HTML 19Page - STMicroelectronics ST72681/R20 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Electrical characteristics
ST72681
16/32
7
Electrical characteristics
7.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS.
7.1.1
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the Devices with an ambient temperature at TA = 25°C and TA=TAmax (given by the
selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and represent the
mean value plus or minus three times the standard deviation (mean ±3
Σ).
7.1.2
Typical values
Unless otherwise specified, typical data are based on TA = 25°C and VDD33 = 3.3V. They are
given only as design guidelines and are not tested.
7.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
7.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 4.
Figure 4.
Pin loading conditions
7.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 5.
Figure 5.
Pin input voltage
CL
DEVICE PIN
VIN
DEVICE PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32