Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LBWS Arkusz danych(PDF) 1 Page - KITAGAWA GmbH

Numer części LBWS
Szczegółowy opis  Push mount, locking clamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KGS [KITAGAWA GmbH]
Strona internetowa  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

LBWS Arkusz danych(HTML) 1 Page - KITAGAWA GmbH

  LBWS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Round hole
(W)
14.4
(C)
Features
●
Secure lock prevents wire/cable bundles from
accidental release.
Snap Mounting
Material
●
Nylon 66(Color:Natural, Black※1)
※1
Black product has “BK” at the end of the part No. For natural color, please contact us.
※2
For V-0 type, “V0” is added to the end of the part No.(LWS-05 is also V-0 type).
UL94 V-2(V-0※2)
※ (
6.1)mm for LWS-2.5S
D
W
(C)
14.4
(W)
15.4
D
6
W
D
6.2※
(11.4) 2
(6.2)
(14.4)
17
Part No.
Mounting hole size Panel thickness Std. Package
(H)
LWS-1SL V0 BK
LWS-1.5SL V0 BK
LWS-5SL-2W V0 BK
LWS-8SL-2.5W V0 BK
4.2
12.5
15.2
22.7
2.0
2.5
11
16.5
18
500
pcs.
8.6
5
6.2
6
9.4
16.7
19.4
27.4
A
B (C) D (E) W
1.6~3.2
φ4.8+0.2
0
Part No.
Mounting
hole size Panel thickness Std. Package
LWS-1NS
LWS-2NS
LWS-3NS
LWS-4NS
9.2
14.4
23.4
31.3
6.2 5.5 2.2 11
0.5~2.3
0.5~2
0.5~2.3
(H)(A) B
D (W)
100
pcs.
φ4.8+0.2
0
Part No.
Panel
thickness
Mounting
hole size
Std.
Package
(H)
LWS-1.5S
LWS-2.5S
14.5
19.2
(A)
6.7
6.9
(B)
5.0
4.5
D
2.0
2.2
W
10.4
12
φ4.8
0.5~2.3
500
pcs.
+0.2
0
Part No.
Panel thickness
Mounting hole size
Std. Package
LWS-2Y
φ4.8
0.5~2.3
1,000 pcs.
+0.2
0
(Unit:mm)
(Unit:mm)
(Unit:mm)
(Unit:mm)
…UL1565 recognized product
LWS-S,SL
LWS-05
Part No.
Mounting
hole size
Panel
thickness Std. Package
(H)
LWS-05
LWS-1S
LWS-3S V0
LWS-3S 2W VO
LWS-5S-2W VO BK
LWS-8S-2.5W V0 BK
1.2
5.2
10.2
15.2
22.7
̶
2.0
2.5
9.2
11
16.5
18
200 pcs.
100 pcs.
500 pcs.
1,000 pcs.
500 pcs.
7
7.7
7.2
9.2
14.2
19.2
27.2
(A)(B)
6.2
6
6.1
(C) D
4.5
4.9
(E)(W)
0.5~2
0.5~2.3
φ4.8+0.1
0
φ4.8+0.2
0
(Unit:mm)
…UL1565 recognized product
LOCKING CLAMP / LBWS
1565
1565
Push mount, locking clamp
LWS-NS
LWS-S
LWS-Y
LBWS
(A)
F
E
G
Features
Material
●
Compact, space-saving clamp.
●
Clamp is open for cable insertion without
causing any damage to cables such as optical
fibers.
Snap Mounting
UL94 V-0
●
Nylon 66(Color:Natural / LBWS-0206S, 0605S, 0511S-V0)
●
Nylon 66(Color:Natural / LBWS-0206S-AM-HT-NC)
Round hole
(Unit:mm)
…UL1565 recognized product
UL
Part No.
A
B
C (D) E
F
LBWS-0206S-V0
LBWS-0206S-AM-HT-NC
LBWS-0605S-VO
LBWS-0511S-VO
6.0
6.0
5.1
11.7
3.9
3.9
4.8
3.9
2.1
2.1
6.2
5.0
18.3
18.3
22.6
26.8
10.5
10.5
8.4
12.5
11.4
11.4
9.8
16.4
G
4.0
4.0
4.0
4.5
Mounting hole size Panel thickness
0.5~1.6
0.5~1.6
0.8~2.0
0.5~1.6
Std. Package
+0.2
0
φ
3.5  
※Operating temperature range:-40℃~125℃(LBWS-0206S-AM-HT-NC)
UL94 V-2
500pcs.
1,000pcs.
1,000pcs.
37


Podobny numer części - LBWS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LUXPIA
LBW1000 LUXPIA-LBW1000 Datasheet
197Kb / 14P
1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LBW1000NI LUXPIA-LBW1000NI Datasheet
297Kb / 15P
Specification for Approval
LBW1006 LUXPIA-LBW1006 Datasheet
242Kb / 15P
Specification for Approval
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LBW1035N LUXPIA-LBW1035N Datasheet
621Kb / 17P
Specification for Approval
More results

Podobny opis - LBWS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
POD1-J-1.5V-C HIROSE-POD1-J-1.5V-C Datasheet
149Kb / 4P
POD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS
logo
Yamaichi Electronics Co...
NMS011-2600-1 YAMAICHI-NMS011-2600-1 Datasheet
158Kb / 2P
miniSD Card Reader - Push/Push (Top Mount)
PGS010-2000-0 YAMAICHI-PGS010-2000-0 Datasheet
88Kb / 1P
MMCmicro Card Reader - Push/Push (Top Mount)
logo
Glenair, Inc.
824-001 GLENAIR-824-001 Datasheet
238Kb / 1P
Locking Push-Pull Mighty Mouse Plug
logo
DDK Ltd.
PMQ DDK-PMQ Datasheet
684Kb / 3P
Compact Push-On Locking Coaxial Connector
logo
Kyocera Kinseki Corpota...
5236 KSS-5236 Datasheet
255Kb / 2P
Normal mount & push-push eject type
logo
Schneider Electric
XB4BA33115 SCHNEIDER-XB4BA33115 Datasheet
131Kb / 3P
22mm push button, Harmony XB4, metal base. green full guard push button, 1NO contact, spring clamp terminals, marked clamp terminals, marked clamp terminals, marked I
Sep 28, 2021
ZENL1121 SCHNEIDER-ZENL1121 Datasheet
102Kb / 2P
Harmony, 22mm Push Button, contact block, panel mount, 1 NC, screw clamp terminal
Aug 10, 2019
ZENL1111 SCHNEIDER-ZENL1111 Datasheet
128Kb / 3P
Harmony, 22mm Push Button, contact block, panel mount, 1 NO, screw clamp terminal
Mar 16, 2022
logo
Amphenol Aerospace Oper...
2MRAM AAO-2MRAM Datasheet
276Kb / 2P
Positive-Locking Push-Pull Interface
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com